Electronic Components Datasheet Search
  English  ▼

X  

NL4FC Datasheet(PDF) 1 Page - Neutrik AG

Part # NL4FC
Description  4 pole cable connector, chuck type strain relief
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NL4FC Datasheet(HTML) 1 Page - Neutrik AG

  NL4FC Datasheet HTML 1Page - Neutrik AG NL4FC Datasheet HTML 2Page - Neutrik AG NL4FC Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NL4FC
4 pole cable connector, chuck type strain relief
The industry-standard for loudspeaker connections offer
extremely reliable and robust cable connectors with a reliable
locking system. They feature solid contacts with screw-type
terminals including a stranded wire protection which offer also
solder termination.
Features & Benefits
Up to 30 A rms current rating
•
Reliable and robust, easy and fast to assemble
•
Cable strain relief for 6 - 15 mm cable O.D.
•
Accurate and dependable twist lock latching system
"Quick Lock"
•
Glass reinforced material for insert and housing, long-
lasting and dependable
•
User friendly latch design for easy handling
•
Unique Neutrik chuck type strain relief
•
Branded with unique hologram - guarantees genuine
and authentic Neutrik product
•
NL4FC
1
/3


Similar Part No. - NL4FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL4FC ETC2-NL4FC Datasheet
42Kb / 2P
4 pole cable connector with chuck and dark grey bushing.
More results

Similar Description - NL4FC

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL2FX NEUTRIK-NL2FX Datasheet
96Kb / 3P
2 pole cable connector, chuck type strain relief
NL4FRX NEUTRIK-NL4FRX Datasheet
105Kb / 3P
4 pole right-angle cable connector, chuck type strain relief, dark grey bushing
NL4FX NEUTRIK-NL4FX Datasheet
92Kb / 3P
4 pole cable connector, chuck type strain relief, dark grey bushing
NL4FX-2 NEUTRIK-NL4FX-2 Datasheet
105Kb / 3P
4 pole cable connector, chuck type strain relief, red bushing
NL4FX-4 NEUTRIK-NL4FX-4 Datasheet
60Kb / 3P
4 pole cable connector, chuck type strain relief, yellow bushing
NL4FX-5 NEUTRIK-NL4FX-5 Datasheet
103Kb / 3P
4 pole cable connector, chuck type strain relief, green bushing
NL4FX-9 NEUTRIK-NL4FX-9 Datasheet
96Kb / 3P
4 pole cable connector, chuck type strain relief, white bushing
NLT4FX NEUTRIK-NLT4FX Datasheet
152Kb / 3P
4 pole female cable connector, nickel housing, chuck type strain relief
NLT4FX-BAG NEUTRIK-NLT4FX-BAG Datasheet
95Kb / 3P
4 pole female cable connector, black-chrome metal housing, chuck type strain relief
NLT4MX NEUTRIK-NLT4MX Datasheet
155Kb / 3P
4 pole male cable connector, metal housing, chuck type strain relief
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com