Electronic Components Datasheet Search
  English  ▼

X  

0803799 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803799
Description  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803799 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803799 Datasheet HTML 1Page - PHOENIX CONTACT 0803799 Datasheet HTML 2Page - PHOENIX CONTACT 0803799 Datasheet HTML 3Page - PHOENIX CONTACT 0803799 Datasheet HTML 4Page - PHOENIX CONTACT 0803799 Datasheet HTML 5Page - PHOENIX CONTACT 0803799 Datasheet HTML 6Page - PHOENIX CONTACT 0803799 Datasheet HTML 7Page - PHOENIX CONTACT 0803799 Datasheet HTML 8Page - PHOENIX CONTACT 0803799 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2. Technical Data
Engraving/milling system CMS-GRAV 32
2.1 Description
Type
Order No.
Pcs.
Pkt.
Engraving/milling system,
incl. FF spindle, tool magazine, coolant spray device,
suction device and accessories
CMS-GRAV 32
50 67 42 0
1
2.2 Description accessories
Type
Order No.
Pcs.
Pkt.
Fixing rings,
for pre-adjustment of the processing tools
CMS-GRAV-WZ/ER
50 66 25 6
50
Tool magazine insert,
spare tool holder for the tool magazine
CMS-GRAV-WZ-ME/32
50 67 43 3
1
Spare clamping pliers,
for tools with 3 mm shaft diameter
CMS-GRAV-SZ 3/32
50 67 44 6
1
Tracing sleeves,
for mechanical surface scanning
CMS-GRAV-ZNH 15/32
50 67 45 9
1
2.3 General Data
Clamping area (X,Y,Z): 850 x 750 x 150 mm,
Processing range (X,Y,Z): 500 x 500 x 75 mm,
Operating voltage: 120/230 V AC 50/60 Hz, nominal current: 6 A/3 A
CMS-GRAV...
Engraving/Milling system
Phoenix Contact page 3 of 11
CMS-GRAV...
Engraving / Milling system



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com