Electronic Components Datasheet Search
  English  ▼

X  

EL2344CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2344CS
Description  Triple Low-Power 60MHz Unity-Gain Stable Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2344CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2344CS Datasheet HTML 1Page - Intersil Corporation EL2344CS Datasheet HTML 2Page - Intersil Corporation EL2344CS Datasheet HTML 3Page - Intersil Corporation EL2344CS Datasheet HTML 4Page - Intersil Corporation EL2344CS Datasheet HTML 5Page - Intersil Corporation EL2344CS Datasheet HTML 6Page - Intersil Corporation EL2344CS Datasheet HTML 7Page - Intersil Corporation EL2344CS Datasheet HTML 8Page - Intersil Corporation EL2344CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7154
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2344
Triple Low-Power 60MHz Unity-Gain
Stable Op Amp
The EL2344 is a triple version of the
popular EL2044. It is a high speed, low
power, low cost monolithic operational
amplifier built on Elantec’s proprietary complementary
bipolar process. The EL2344 is unity-gain stable and feature
a 325V/µs slew rate and 60MHz gain-bandwidth product
while requiring only 5.2mA of supply current per amplifier.
The power supply operating range of the EL2344 is from
±18V down to as little as ±2V. For single-supply operation,
the EL2344 operates from 36V down to as little as 2.5V. The
excellent power supply operating range of the EL2344
makes it an obvious choice for applications on a single +5V
or +3V supply.
The EL2344 also features an extremely wide output voltage
swing of ±13.6V with VS = ±15V and RL = 1000Ω. At ±5V,
output voltage swing is a wide ±3.8V with RL = 500Ω and
±3.2V with RL = 150Ω. Furthermore, for single-supply
operation at +5V, output voltage swing is an excellent 0.3V to
3.8V with RL = 500Ω.
At a gain of +1, the EL2344 has a -3dB bandwidth of
120MHz with a phase margin of 50°. It can drive unlimited
load capacitance, and because of its conventional voltage-
feedback topology, the EL2344 allows the use of reactive or
non-linear elements in their feedback network. This
versatility combined with low cost and 75mA of output-
current drive makes the EL2344 an ideal choice for price-
sensitive applications requiring low power and high speed.
Pinout
Features
• 60MHz gain-bandwidth product
• Unity-gain stable
• Low supply current (per Amplifier)
- 5.2mA at VS = ±15V
• Wide supply range
- ±2V to ±18V dual-supply
- 2.5V to 36V single-supply
• High slew rate = 325V/µs
• Fast settling = 80ns to 0.1% for a 10V step
• Low differential gain = 0.04% at AV =+2, RL = 150Ω
• Low differential phase = 0.15° at AV = +2, RL = 150Ω
• Stable with unlimited capacitive load
• Wide output voltage swing
- 13.6V with VS = ±15V, RL = 1000Ω
- 3.8V/0.3V with VS = +5V, RL = 500Ω
• Low cost, enhanced replacement for the AD827 and
LT1229/LT1230
Applications
• Video amplifier
• Single-supply amplifier
• Active filters/integrators
• High-speed sample-and-hold
• High-speed signal processing
• ADC/DAC buffer
• Pulse/RF amplifier
• Pin diode receiver
• Log amplifier
• Photo multiplier amplifier
• Difference amplifier
EL2344
14-PIN PDIP, SO
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2344CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL2344CS
-40°C to +85°C
14-Pin SO
MDP0027
Data Sheet
September 1996, Rev. A
OBS
OLET
E PR
ODU
CT
NO R
ECO
MME
NDED
REPL
ACEM
ENT
conta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTE
RSIL
or ww
w.int
ersil.
com/
tsc


Similar Part No. - EL2344CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2310CN ELANTEC-EL2310CN Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2310CN INTERSIL-EL2310CN Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
logo
Elantec Semiconductor
EL2310CS ELANTEC-EL2310CS Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2310CS INTERSIL-EL2310CS Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
logo
Elantec Semiconductor
EL2311CN ELANTEC-EL2311CN Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2344CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
logo
Elantec Semiconductor
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com