Electronic Components Datasheet Search
  English  ▼

X  

0806563 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 0806563
Description  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806563 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 0806563 Datasheet HTML 3Page - PHOENIX CONTACT 0806563 Datasheet HTML 4Page - PHOENIX CONTACT 0806563 Datasheet HTML 5Page - PHOENIX CONTACT 0806563 Datasheet HTML 6Page - PHOENIX CONTACT 0806563 Datasheet HTML 7Page - PHOENIX CONTACT 0806563 Datasheet HTML 8Page - PHOENIX CONTACT 0806563 Datasheet HTML 9Page - PHOENIX CONTACT 0806563 Datasheet HTML 10Page - PHOENIX CONTACT 0806563 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GPK/SK...
Double Layer Engraving Material
Phoenix Contact page 10 of 11
GPK/SK...
Engraving Material, self-adhesive
7. Technical Data
Double Layer Engraving Material, self-adhesive
7.2 Description
Type
Order No.
Pcs.
Pkt.
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 0.8 mm
300 x 280 x 0.8
silver
black
self-adhesive
300 x 280 x 0.8
white
black
300 x 280 x 0.8
yellow
black
300 x 280 x 0.8
as required
GPK/SK 300 x 280 x 0,8 SR/BK
GPK/SK 300 x 280 x 0,8 WH/BK
GPK/SK 300 x 280 x 0,8 YE/BK
GPK/SK 300 x 280 x 0,8 ...
08 03 84 1
08 03 85 4
08 06 17 8
08 06 19 4
10
10
10
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
300 x 280 x 1.5
as required
GPK/SK 300 x 280 x 1,5 ...
08 06 28 8
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 0.8 mm
610 x 610 x 0.8
silver
black
self-adhesive
610 x 610 x 0.8
white
black
610 x 610 x 0.8
as required
GPK/SK 610 x 610 x 0,8 SR/BK
GPK/SK 610 x 610 x 0,8 WH/BK
GPK/SK 610 x 610 x 0,8 ...
08 06 48 2
08 06 43 7
08 06 50 5
10
10
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
610 x 610 x 1.5
silver
black
self-adhesive
610 x 610 x 1.5
white
black
610 x 610 x 1.5
as required
GPK/SK 610 x 610 x 1,5 SR/BK
GPK/SK 610 x 610 x 1,5 WH/BK
GPK/SK 610 x 610 x 1,5 ...
08 06 56 3
08 06 51 8
08 06 58 9
10
10
10
Ordering example:
Engraving plates GPK / SK
For 50 GPK / SK 610 x 610 x 0,8... in blue / white color (BU/WH),
the order data is as follows:
Pcs.
Order No.
Designation
50
08 06 50 5
GPK/SK 610 x 610 x 0,8 BU/WH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com