Electronic Components Datasheet Search
  English  ▼

X  

EL2360CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2360CS
Description  Triple 130MHz Current Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2360CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2360CS Datasheet HTML 1Page - Intersil Corporation EL2360CS Datasheet HTML 2Page - Intersil Corporation EL2360CS Datasheet HTML 3Page - Intersil Corporation EL2360CS Datasheet HTML 4Page - Intersil Corporation EL2360CS Datasheet HTML 5Page - Intersil Corporation EL2360CS Datasheet HTML 6Page - Intersil Corporation EL2360CS Datasheet HTML 7Page - Intersil Corporation EL2360CS Datasheet HTML 8Page - Intersil Corporation EL2360CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7065
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2360
Triple 130MHz Current Feedback Amplifier
The EL2360 is a triple current-
feedback operational amplifier which
achieves a -3dB bandwidth of 130MHz
at a gain of +2. Built using the Elantec proprietary monolithic
complementary bipolar process, these amplifiers use current
mode feedback to achieve more bandwidth at a given gain
than a conventional voltage feedback amplifier.
The EL2360 is designed to drive a double terminated 75
Ω
coax cable to video levels. It’s fast slew rate of 1500V/µs,
combined with the triple amplifier topology, makes its ideal
for RGB video applications.
This amplifier can operate on any supply voltage from 4V
(±2V) to 33V (±16.5V), yet consume only 8mA per amplifier
at any supply voltage. The EL2360 is available in 16-pin
PDIP and SOIC packages.
For Single, Dual, or Quad applications, consider the EL2160,
EL2260, or EL2460 all in industry standard pin outs. For
Single applications with a power down feature, consider the
EL2166.
Pinout
Features
• Triple amplifier topology
• 130MHz -3dB bandwidth (AV=+2)
• 180MHz -3dB bandwidth (AV=+1)
• Wide supply range, ±2V to ±15V
• 80mA output current (peak)
• Low cost
• 1500V/µs slew rate
• Input common mode range to within 1.5V of supplies
• 35ns settling time to 0.1%
• Available in single (EL2160), dual (EL2260), and quad
(EL2460) form
Applications
• RGB amplifiers
• Video amplifiers
• Cable driver
• Test equipment amplifiers
• Current to voltage converters
• Video broadcast equipment
EL2360
(16-PIN SO, PDIP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2360CN
-40°C to +85°C
16-Pin PDIP
MDP0031
EL2360CS
-40°C to +85°C
16-Pin SOIC
MDP0027
Data Sheet
June 1996, Rev A
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/
tsc


Similar Part No. - EL2360CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360CS ELANTEC-EL2360CS Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
More results

Similar Description - EL2360CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
Triple 600MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com