Electronic Components Datasheet Search
  English  ▼

X  

EL4093CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4093CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL4093CS Datasheet HTML 4Page - Intersil Corporation EL4093CS Datasheet HTML 5Page - Intersil Corporation EL4093CS Datasheet HTML 6Page - Intersil Corporation EL4093CS Datasheet HTML 7Page - Intersil Corporation EL4093CS Datasheet HTML 8Page - Intersil Corporation EL4093CS Datasheet HTML 9Page - Intersil Corporation EL4093CS Datasheet HTML 10Page - Intersil Corporation EL4093CS Datasheet HTML 11Page - Intersil Corporation EL4093CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
If the video does not contain any AC components during the
autozero level (e.g. RGB video), then the above networks
are not needed and the CFA output can be connected
directly to the S/H input.
Power Dissipation
The EL4093 current feedback amplifier has an absolute
maximum of ±30mA output current drive. This is slightly
more than the current required to drive ±2V into 75
Ω. To see
how much the junction temperature is raised in this worst
case, we refer to the equations below:
TJMAX = TMAX + (θJA • PDMAX)
where:
TMAX = Maximum Ambient Temperature
θJA = Thermal Resistance of the Package
PDMAX = Maximum Power Dissipation of the CFA and S/H
amplifier in the Package
PDMAX for either the CFA or the S/H amplifier can be
calculated as follows:
PDMAX = (2•VS•ISMAX) + (VS - VOUTMAX) •
(VOUTMAX/RL)
where:
VS = Supply Voltage
ISMAX = Maximum Supply Current of Amplifier
VOUTMAX = Maximum Output Voltage of Application
RL = Load Resistance
For the EL4093, the maximum supply current is 11.5mA on
VS = ±5V. Assume that in the worst case, the CFA output
swings ±2V into 75
Ω. Since the S/H has a current output, we
assume that it is at maximum current swing (±5.5mA) but at
a mid-rail output voltage (0V). With the above assumptions,
PDMAX for the EL4093 is 223mW, and using the thermal
resistance of a narrow SO package (120°C/W), this yields a
temperature increase of 27°C. Since the maximum ambient
temperature is 85°C, the resulting junction temperature of
112°C is still below the maximum.
Please note that this in addition to metal migration problems.
FIGURE 8. LOWPASS FILTER DELAYS INPUT TO SAMPLE AND HOLD
EL4093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com