Electronic Components Datasheet Search
  English  ▼

X  

EL4430CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4430CS
Description  Video Instrumentation Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4430CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4430CS Datasheet HTML 1Page - Intersil Corporation EL4430CS Datasheet HTML 2Page - Intersil Corporation EL4430CS Datasheet HTML 3Page - Intersil Corporation EL4430CS Datasheet HTML 4Page - Intersil Corporation EL4430CS Datasheet HTML 5Page - Intersil Corporation EL4430CS Datasheet HTML 6Page - Intersil Corporation EL4430CS Datasheet HTML 7Page - Intersil Corporation EL4430CS Datasheet HTML 8Page - Intersil Corporation EL4430CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7167
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL4430, EL4431
Video Instrumentation Amplifiers
The EL4430 and EL4431 are video
instrumentation amplifiers which are
ideal for line receivers, differential-to-
single-ended converters, transducer interfacing, and any
situation where a differential signal must be extracted from a
background of common-mode noise or DC offset.
These devices have two differential signal inputs and two
differential feedback terminals. The FB terminal connects to
the amplifier output, or a divided version of it to increase
circuit gain, and the REF terminal is connected to the output
ground or offset reference.
The EL4430 is compensated to be stable at a gain of 1 or
more, and the EL4431 for a gain of 2 or more.
The amplifiers have an operational temperature of -40°C to
+85°C and are packaged in plastic 8-pin DIP and SO-8.
The EL4430 and EL4431 are fabricated with Elantec’s
proprietary complementary bipolar process which gives
excellent signal symmetry and is free from latchup.
Pinout
Features
• Fully differential inputs and feedback
• Differential input range of ±2V
• Common-mode range of ±12V
• High CMRR at 4MHz of 70dB
• Stable at gains of 1, 2
• Calibrated and clean input clipping
• EL4430—80MHz @ G = 1
• EL4431—160MHz GBWP
• 380V/µs slew rate
• 0.02% or ° differential gain or phase
• Operates on ±5 to ±15V supplies with no AC degradation
Applications
• Line receivers
• “Loop-through” interface
• Level translation
• Magnetic head pre-amplification
• Differential-to-single-ended conversion
EL4430, EL4431
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4430CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL4430CS
-40°C to +85°C
8-Pin SO
MDP0027
EL4431CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL4431CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
January 1996, Rev. D
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/t
sc


Similar Part No. - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4430CS ELANTEC-EL4430CS Datasheet
311Kb / 12P
Video Instrumentation Amplifiers
More results

Similar Description - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
Video Instrumentation Amplifiers
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com