Electronic Components Datasheet Search
  English  ▼

X  

EL4452CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4452CS
Description  Wideband Variable-Gain Amplifier with Gain of 10
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4452CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4452CS Datasheet HTML 2Page - Intersil Corporation EL4452CS Datasheet HTML 3Page - Intersil Corporation EL4452CS Datasheet HTML 4Page - Intersil Corporation EL4452CS Datasheet HTML 5Page - Intersil Corporation EL4452CS Datasheet HTML 6Page - Intersil Corporation EL4452CS Datasheet HTML 7Page - Intersil Corporation EL4452CS Datasheet HTML 8Page - Intersil Corporation EL4452CS Datasheet HTML 9Page - Intersil Corporation EL4452CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
AGC Circuits
The basic AGC (automatic gain control) loop is this:
A multiplier scales the input signal and provides necessary
gain and buffers the signal presented to the output load, a
level detector (shown schematically here as a diode)
converts some measure of the output signal amplitude to a
DC level, a low-pass filter attenuates any signal ripple
present on that DC level, and an amplifier compares that
level to a reference and amplifies the error to create a gain-
control voltage for the multiplier. The circuitry is a servo that
attempts to keep the output amplitude constant by
continuously adjusting the multiplier’s gain control input.
Most AGC’s deal with repetitive input signals that are
capacitively coupled. It is generally desirable to keep DC
offsets from mixing with AC signals and fooling the level
detector into maintaining the DC output offset level constant,
rather than a smaller AC component. To that end, either the
level detector is AC-coupled, or the reference voltage must
be made greater than the maximum multiplier gain times the
input offset. For instance, if the level detector output equaled
the reference voltage at 1V of EL4452 output, the 8mV of
input offset would require a maximum gain of 125 through
the EL4452. Bias current-induced offsets could increase this
further.
Depending on the nature of the signal, different level
detector strategies will be employed. If the system goal is to
prevent overload of subsequent stages, peak detectors are
preferred. Other strategies use an RMS detector to maintain
constant output power. Here is a simple AGC using peak
detection (Figure 2).
The output of the EL4452 drives a diode detector which is
compared to VREF by an offset integrator. Its output feeds
the gain-control input of the EL4452. The integrator’s output
is attenuated by the 2k
Ω and 2.7kΩ resistors to prevent the
op-amp from overloading the gain-control pin during zero
input conditions. The 510k
Ω resistor provides a pull-down
current to the peak level storage capacitor C1 to allow it to
drift negative when output amplitude reduces. Thus the
detector is of fast attack and slow decay design, able to
reduce AGC gain rapidly when signal amplitude suddenly
increases, and increases gain slowly when the input drops
out momentarily. The value of C1 determines drop-out
reaction rates, and the value of CF affects overall loop time
constant as well as the amount of ripple on the gain-control
line. C2 can be used to reduce this ripple further, although it
contributes to loop overshoot when input amplitude changes
suddenly. The op-amp can be any inexpensive low-
frequency type.
The major problem with diode detectors is their large and
variable forward voltage. They require at least a 2VP-P peak
output signal to function reliably, and the forward voltage
should be compensated by including a negative VD added to
VREF. Even this is only moderately successful. At the
expense of bandwidth, op-amp circuits can greatly improve
diode rectifiers (see “An Improved Peak Detector”, an
FIGURE 1. BASIC AGC LOOP
FIGURE 2.
EL4452



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com