Electronic Components Datasheet Search
  English  ▼

X  

QOU2000 Datasheet(PDF) 1 Page - Schneider Electric

Part # QOU2000
Description  QOU Non-Automatic Miniature Switch, 100A, 2P, 240V, 10kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOU2000 Datasheet(HTML) 1 Page - Schneider Electric

  QOU2000 Datasheet HTML 1Page - Schneider Electric QOU2000 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOU2000
QOU Non-Automatic Miniature Switch, 100A, 2P,
240V, 10kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 246.00 USD
Main
Product or component type
Switch
Range of product
QOU
Complementary
Line Rated Current
100 A
Number of Poles
2P
Electrical connection
Slotted box lugs, line side
Slotted box lugs, load side
Mounting mode
Unit mount
AWG gauge
AWG 12...AWG 2/0 aluminium/copper
Height
4.45 in (113.03 mm)
Depth
2.95 in (74.93 mm)
Width
1.5 in (38.10 mm)
Tightening torque
5.08 N.m (45 lbf.in) AWG 12...AWG 2/0)
Environment
Product certifications
UL listed
CSA
Ordering and shipping details
Category
00900 - QOU BREAKERS & SWITCH
Discount Schedule
DE2
GTIN
00785901641667
Returnability
Yes
Country of origin
MX
Mar 2, 2020
1


Similar Part No. - QOU2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU20001 SCHNEIDER-QOU20001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 2P, 240V, 10kA
Mar 2, 2020
More results

Similar Description - QOU2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU200 SCHNEIDER-QOU200 Datasheet
138Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA
QOU300 SCHNEIDER-QOU300 Datasheet
141Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 3P, 240V, 10kA
QOU2100 SCHNEIDER-QOU2100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA
Feb 21, 2020
QOU3000 SCHNEIDER-QOU3000 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 100A, 3P, 240V, 10kA
Feb 21, 2020
QOU21002100 SCHNEIDER-QOU21002100 Datasheet
103Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Alarm Switch
QOUR200 SCHNEIDER-QOUR200 Datasheet
110Kb / 2P
QOUR Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA
Mar 2, 2020
QOU20001 SCHNEIDER-QOU20001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 2P, 240V, 10kA
Mar 2, 2020
QOU30001 SCHNEIDER-QOU30001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 3P, 240V, 10kA
Mar 2, 2020
QOU21001200 SCHNEIDER-QOU21001200 Datasheet
133Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOU21001201 SCHNEIDER-QOU21001201 Datasheet
133Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com