Electronic Components Datasheet Search
  English  ▼

X  

EL4453CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4453CS
Description  Video Fader
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4453CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4453CS Datasheet HTML 1Page - Intersil Corporation EL4453CS Datasheet HTML 2Page - Intersil Corporation EL4453CS Datasheet HTML 3Page - Intersil Corporation EL4453CS Datasheet HTML 4Page - Intersil Corporation EL4453CS Datasheet HTML 5Page - Intersil Corporation EL4453CS Datasheet HTML 6Page - Intersil Corporation EL4453CS Datasheet HTML 7Page - Intersil Corporation EL4453CS Datasheet HTML 8Page - Intersil Corporation EL4453CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7171
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL4453
Video Fader
The EL4453 is a complete fader
subsystem. It variably blends two
inputs together for such applications
as video picture-in-picture effects.
The EL4453 operates on ±5V to ±15V supplies and has an
analog differential input range of ±2V. AC characteristics do
not change appreciably over the supply range.
The circuit has an operational temperature of -40°C to +85°C
and is packaged in 14-pin PDIP and SO-14.
The EL4453 is fabricated with Elantec’s proprietary
complementary bipolar process which gives excellent signal
symmetry and is free from latch up.
Pinout
Features
• Complete two-input fader with output amplifier—uses no
extra components
• 80MHz bandwidth
• Fast fade control speed
• Operates on ±5V to ±15V supplies
• > 60dB attenuation @ 5MHz
Applications
• Mixing two inputs
• Picture-in-picture
• Text overlay onto video
• General gain control
EL4453
(14-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4453CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL4453CS
-40°C to +85°C
14-Pin SOIC
MDP0027
Data Sheet
January 1995, Rev A
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/
tsc


Similar Part No. - EL4453CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4453CS ELANTEC-EL4453CS Datasheet
297Kb / 12P
Video Fader
More results

Similar Description - EL4453CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
Sound fader control circuit
1995 Dec 19
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
Vocal fader IC
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
Video Gain Control/Fader/Multiplexer
August 1996
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com