Electronic Components Datasheet Search
  English  ▼

X  

EL5181CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5181CS
Description  8ns High-Speed Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5181CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL5181CS Datasheet HTML 1Page - Intersil Corporation EL5181CS Datasheet HTML 2Page - Intersil Corporation EL5181CS Datasheet HTML 3Page - Intersil Corporation EL5181CS Datasheet HTML 4Page - Intersil Corporation EL5181CS Datasheet HTML 5Page - Intersil Corporation EL5181CS Datasheet HTML 6Page - Intersil Corporation EL5181CS Datasheet HTML 7Page - Intersil Corporation EL5181CS Datasheet HTML 8Page - Intersil Corporation EL5181CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7178
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5181
8ns High-Speed Comparator
The EL5181 comparator is designed
for operation in single supply and dual
supply applications with 5V to 12V
between VS+ and VS-. For single supplies, the inputs can
operate from 0.1V below ground for use in ground sensing
applications.
The output side of the comparator can be supplied from a
single supply of 2.7V to 5V. The rail-to-rail output swing
enables direct connection of the comparator to both CMOS
and TTL logic circuits.
The latch input of the EL5181 can be used to hold the com-
parator output value by applying a low logic level to the pin.
The EL5181 is available in the 8-pin SO package and is
specified for operation over the full -40°C to +85°C tempera-
ture range. Also available are a dual (EL5281), a window
comparator (EL5283), and quad versions (EL5481 and
EL5482).
Features
• 8ns Typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Active low latch
• Dual available (EL5281)
• Window comparator (EL5283)
• Quad available (EL5481 & EL5482)
• Pin-compatible 4ns family available (EL5x85, EL5287 &
EL5486)
Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters
Pinout
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL5181CS
8-Pin SO
-
MDP0027
EL5181CS-T7
8-Pin SO
7”
MDP0027
EL5181CS-T13
8-Pin SO
13”
MDP0027
1
2
3
4
8
7
6
5
VS+
L
A
T
C
H
VSD
OUT
GND
LATCH
IN+
IN-
VS-
-
+
EL5181
(8-PIN SO)
TOP VIEW
Data Sheet
December 4, 2001
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tec
hnic
al S
upp
ort C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - EL5181CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5181CS ELANTEC-EL5181CS Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5181CS-T13 ELANTEC-EL5181CS-T13 Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5181CS-T7 ELANTEC-EL5181CS-T7 Datasheet
106Kb / 11P
8ns High-Speed Comparator
More results

Similar Description - EL5181CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685 Datasheet
248Kb / 4P
High Speed Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
High Speed Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com