Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
OPAX607
www.ti.com
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
To calculate the required value of RSH, a rule of thumb can be used. The maximum wattage that can be
dissipated across a surface-mount device (SMD) resistor on a board having a good thermal layout is
approximately 1 W.
Because W = I2 × R, plugging in the values for W and ISH yields a RSH value of approximately 7 mΩ.
The voltage developed across RSH when ISH = 12A is 84 mV.
The maximum allowable voltage at the input of an ADC such as the ADS7042, powered from a 3.3-V VCC, is 3.3
V. This value can be found in the Electrical Characteristics table of the ADS7042 data sheet. However, for this
design, the maximum allowable voltage at the input of the ADC under normal operating condition is assumed to
be 3 V. Thus, the full-scale reading (FSR) for this design can be considered as 3 V. This value enables the
design to have a 300-mV headroom in case the current exceeds the maximum rated value of 12 A. In other
words, for faults and other unexpected conditions, the ADC is capable in measuring currents up to 15 A. The
voltage across RSH must be gained up before being fed to the ADC to increase the dynamic range of the sensing
circuit. Because the considered FSR is 3 V, the output of the OPAX607 must swing from the nominal value of
1.24 V to 3 V, whereas an ISH of 12 A is made to flow across RSH.
Equation 4 defines the signal gain required by the op amp, which results in a gain of approximately 20 V/V.
Gain = (3 V – 1.24 V) / 84 mV
(4)
Currents flowing across RSH in either direction are gained by 20 V/V and swing the output above or below the
nominal 1.24 V proportionally. If the gain value is frozen at 20 V/V, then Equation 5 defines the maximum current
that can be measured in the direction of GND to load. ISH = 8.8 A derived from Equation 5 meets the initial
design requirement of current measuring capability of 8 A from GND to load.
ISH = 1.24 V / (RSH × 20 V/V)
(5)
The next step is to arrive at the right GBW of an op amp that can drive a SAR ADC, while still being able to gain
the signal by 20 V/V. As discussed further in this section, the calculations point towards an op amp with GBW in
the vicinity of 50 MHz.
A 20-kHz switching system such as a motor driver card has a minimum possible duty cycle of approximately 5%.
Thus when the control card is running at its lowest duty cycle, the width of the current pulse (as shown in
Figure 8) shrinks to approximately 2.5 µs. The current pulses are very narrow and require the op amp output to
settle to the final value within this short span of time. Figure 8 is an exaggerated figure showing the typical
current waveform in a low-side current-sensing signal chain of a sinusoidal-driven brushless DC electric motor
(BLDC). An op amp must be able to settle to its 0.1% accuracy within this time period to ensure the current value
flowing across RSH is captured in less than 2.5 µs. In reality, ensuring the op amp settles in less than 1 µs can be
very desirable because the same amplification circuit can be fed to the comparator for short-circuit protection.
This feature brings as additional value of using a high-bandwidth op amp in a current-sensing circuit. Because of
the high bandwidth of the OPAX607, as with any op amp, the rise time (which is the prime parameter deciding
the response time of the short circuit protection circuitry) becomes very small.
Equation 6 describes how the rise time and the bandwidth of a op amp are related to each other.
tR (sec) = 0.35 Hz / BW
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com