Electronic Components Datasheet Search
  English  ▼

X  

EL6215CU Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6215CU
Description  3-Channel Laser Diode Driver Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6215CU Datasheet(HTML) 1 Page - Intersil Corporation

  EL6215CU Datasheet HTML 1Page - Intersil Corporation EL6215CU Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7223
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001,2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6215
3-Channel Laser Diode Driver + Oscillator
The EL6215 is a high-performance
three channel laser driver that
provides controlled current to a
grounded laser diode. Write channels 2 and 3 should be
used as the write channels, with switching speeds of
approximately one nanosecond rise/fall time. All three
channels are summed together at the IOUT output, allowing
the user to create multilevel waveforms in order to optimize
laser diode performance. The level of the output current is
set by an analog voltage applied to an external resistor
which converts the voltage into a current at the IIN pin
(virtually ground). The current seen at this pin is then
amplified to become a current source at pin IOUT.
An on-chip 500MHz oscillator is provided to allow output
current modulation when in any mode. This is turned on
when the OSCEN pin is held high. Complete control of
amplitude and frequency is set by two external resistors
connected to ground at pins RFREQ and RAMP (see graphs
in this data sheet for further explanation).
Features
• Shrink-Small Outline Package
• Voltage-controlled output current source requiring one
external set resistor per channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency and amplitude control by
use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Disable feature for power-up protection and power
savings
• Pb-free Available as an Option
Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching
Ordering Information
PART NO.
PACKAGE
TAPE & REEL
PKG. DWG. #
EL6215CL
24-Pin QFN
-
MDP0046
EL6215CL-T7
24-Pin QFN
7”
MDP0046
EL6215CL-T13
24-Pin QFN
13”
MDP0046
EL6215CU
24-Pin QSOP
-
MDP0040
EL6215CU-T7
24-Pin QSOP
7”
MDP0040
EL6215CU-T13
24-Pin QSOP
13”
MDP0040
EL6215CUZ
(See Note)
24-Pin QSOP
(Pb-free)
-
MDP0040
EL6215CUZ-T7
(See Note)
24-Pin QSOP
(Pb-free)
7”
MDP0040
EL6215CUZ-
T13 (See Note)
24-Pin QSOP
(Pb-free)
13”
MDP0040
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
June 15, 2004
Get FULL DATASHEET


Similar Part No. - EL6215CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU INTERSIL-EL6211CU Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU-T13 INTERSIL-EL6211CU-T13 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU-T7 INTERSIL-EL6211CU-T7 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 16, 2004
More results

Similar Description - EL6215CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
3-Channel Laser Diode Driver Oscillator
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 16, 2004
EL6224 INTERSIL-EL6224 Datasheet
119Kb / 2P
3-Channel Laser Diode Driver w/ Oscillator
June 16, 2004
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com