Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  TMP61-Q1 Automotive Grade, 짹1% 10-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 5Page - Texas Instruments TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments TMP61 Datasheet HTML 10Page - Texas Instruments TMP61 Datasheet HTML 11Page - Texas Instruments TMP61 Datasheet HTML 12Page - Texas Instruments TMP61 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Time (s)
0
20
40
60
80
100
120
140
160
9.5
10
10.5
11
11.5
12
12.5
13
20s
D016
Time (s)
3.39
4.38
5.37
6.36
7.35
8.34
9.33
10.32 11.31
9.5
10
10.5
11
11.5
12
3.2s
3.2s
d010
Time (Ps)
0
0.5
1
1.5
2
2.5
1.6
3.2
4.8
6.4
8
0
d008
VBias
VSns
Time (s)
0
0.19
0.38
0.57
0.76
0.95
1.14
1.33
1.52
1.71
6
8
10
12
14
16
18
20
0.6s
0.6s
d009
Bias Current (PA)
0
50
100
150
200
250
300
350
400
450
500
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
d006
-40 qC
-25 qC
50 qC
100 qC
125 qC
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
d007
-40 qC
-25 qC
50 qC
100 qC
125 qC
9
TMP61-Q1
www.ti.com
SNIS210D – APRIL 2019 – REVISED FEBRUARY 2020
Product Folder Links: TMP61-Q1
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25 °C, (unless otherwise noted)
Figure 7. Supply Dependence Resistance vs. Bias Current
RBias = 10 kΩ ( ±0.01% tolerance)
Figure 8. Supply Dependence vs. Bias Voltage
VSNS = 1 V
Figure 9. Step Response
Ambient material: stirred liquid
Figure 10. Thermal Response Time
Ambient condition: still air
Figure 11. Thermal Response Time
Ambient condition: still air
Figure 12. Thermal Response Time (LPG Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com