Electronic Components Datasheet Search
  English  ▼

X  

0707015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0707015
Description  Panel feed-through terminal block - DFK/FA-2,8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0707015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0707015 Datasheet HTML 1Page - PHOENIX CONTACT 0707015 Datasheet HTML 2Page - PHOENIX CONTACT 0707015 Datasheet HTML 3Page - PHOENIX CONTACT 0707015 Datasheet HTML 4Page - PHOENIX CONTACT 0707015 Datasheet HTML 5Page - PHOENIX CONTACT 0707015 Datasheet HTML 6Page - PHOENIX CONTACT 0707015 Datasheet HTML 7Page - PHOENIX CONTACT 0707015 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/0707015
13.11.2013   Page 1 / 8
Panel feed-through terminal block - DFK/FA-2,8 - 0707015
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Panel feed-through terminal block, Connection method: Screw connection, Solder/Slip-on connection, Cross
section: 0.2 mm² - 4 mm², AWG 24 - 12, Width: 6.1 mm, Color: gray
 
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
5.61 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V2
Rated surge voltage
4 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC / EN
Nominal current IN
17.5 A
Nominal voltage UN
400 V
Open side panel
nein


Similar Part No. - 0707015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707031 PHOENIX-0707031 Datasheet
150Kb / 6P
Feed-through terminal block - DFK/FA-4,8
0707057 PHOENIX-0707057 Datasheet
150Kb / 9P
Base strip - DFK-MSTB 2,5/ 8-G-5,08
0707060 PHOENIX-0707060 Datasheet
122Kb / 8P
Base strip - DFK-MSTB 2,5/ 8-G
0707060 PHOENIX-0707060 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
0707060 PHOENIX-0707060 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
More results

Similar Description - 0707015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0706016 PHOENIX-0706016 Datasheet
128Kb / 7P
Feed-through terminal block - DFK-2,8
0706032 PHOENIX-0706032 Datasheet
61Kb / 5P
Panel feed-through terminal block - DFK-4,8
0706508 PHOENIX-0706508 Datasheet
70Kb / 5P
Panel feed-through terminal block - DFK-2,8-FRONT 2,5
0706524 PHOENIX-0706524 Datasheet
70Kb / 5P
Panel feed-through terminal block - DFK/DP-2,8-FRONT 2,5
0707031 PHOENIX-0707031 Datasheet
150Kb / 6P
Feed-through terminal block - DFK/FA-4,8
0707510 PHOENIX-0707510 Datasheet
44Kb / 2P
Panel feed-through terminal block - DFKTS/FA-2,8
0708014 PHOENIX-0708014 Datasheet
91Kb / 6P
Feed-through terminal block - DFK/DP-2,8
0708030 PHOENIX-0708030 Datasheet
89Kb / 5P
Panel feed-through terminal block - DFK/DP-4,8
0735032 PHOENIX-0735032 Datasheet
124Kb / 6P
Panel feed-through terminal block - DFK-WW(1 X1)
0750017 PHOENIX-0750017 Datasheet
151Kb / 8P
Panel feed-through terminal block - DFK-2,8/FSI(2-2,8-0,8)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com