Electronic Components Datasheet Search
  English  ▼

X  

EL6934 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6934
Description  Laser Diode Driver with Waveform Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6934 Datasheet(HTML) 1 Page - Intersil Corporation

  EL6934 Datasheet HTML 1Page - Intersil Corporation EL6934 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7407
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6934
Laser Diode Driver with Waveform
Generator
The EL6934 is a highly integrated
laser diode driver designed to support
multi-standard writable optical drives.
It accomplishes this by incorporating a waveform generator
wherein the diode currents and timing details can be
programmed before operation. The data input circuitry
inspects the NRZ serial data waveform and generates
programmed waveforms in recognition of 3, 4, 5, or 6 or
more clock periods of space changing to 3, 4, 5, or 6 or more
clock periods of mark, and vice versa.
The architecture allows reprogramming of the timers to
support different media, Blue, DVD, or CD standards, and
different speeds. The programming is accomplished through
a serial interface port. Two outputs are provided to support
dual-laser multi-standard optical heads. The clock and NRZ
inputs can be either standard CMOS or LVDS, selectable
through a program bit.
The EL6934 requires 2.5V and 5V supplies, with all the
logical interface operating on the 2.5V supply.
Features
• Complete programmable laser diode driver
• 450mA maximum total output
• 10-bit x 10-bit multiplying DAC output provides 10-bit full
scale adjustment and 10-bit resolution at any full scale
output
• 60 psec timer resolution
• Two laser outputs allows read/write DVD and CD
combinations
• Programmable waveform values support CD-R, CD-RW,
DVD-RAM, DVD-R, DVD-RW, DVD+R, DVD+RW, and
Blue
• Two analog inputs support slope and read APC
• HFM oscillator programmable to 100mAP-P from 100MHz
to 500MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 100MHz
• Programmable HFM offset when HFM is off
Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL6934CLZ
(Note)
32-Pin QFN
(Pb-Free)
-
MDP0046
EL6934CLZ-T7
(Note)
32-Pin QFN
(Pb-Free)
7”
MDP0046
EL6934CLZ-T13
(Note)
32-Pin QFN
(Pb-Free)
13”
MDP0046
NOTE: Intersil Pb-Free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-Free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
March 17, 2004
GET FULL DATASHEET


Similar Part No. - EL6934

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
EL6934ACLZ INTERSIL-EL6934ACLZ Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
EL6934ACLZ-T13 INTERSIL-EL6934ACLZ-T13 Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
EL6934ACLZ-T7 INTERSIL-EL6934ACLZ-T7 Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results

Similar Description - EL6934

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
Laser Diode Driver with Waveform Generator
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
Laser Diode Driver with Waveform Generator
June 24, 2004
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 8, 2004
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
September 1, 2004
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6296 INTERSIL-EL6296 Datasheet
48Kb / 2P
Laser Diode Driver with Waveform Generator
August 18, 2004
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com