Electronic Components Datasheet Search
  English  ▼

X  

EL7241CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7241CS
Description  High Speed Coil Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7241CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL7241CS Datasheet HTML 1Page - Intersil Corporation EL7241CS Datasheet HTML 2Page - Intersil Corporation EL7241CS Datasheet HTML 3Page - Intersil Corporation EL7241CS Datasheet HTML 4Page - Intersil Corporation EL7241CS Datasheet HTML 5Page - Intersil Corporation EL7241CS Datasheet HTML 6Page - Intersil Corporation EL7241CS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN7284
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL7240, EL7241
High Speed Coil Drivers
The EL7240/EL7241 high speed coil
drivers accept logic inputs which
independently control a pair of 3
Ω
PMOS FET's. The output transistors share a common
source, making these devices well suited for “current
steering” and analog switching applications. The typical
clamping diodes to ground are removed, thus allowing pins
(6) and (7) to swing negative. This feature is desirable when
driving “center-tapped” coils referenced to ground. The logic
“NAND” input configuration can be used to “enable” the
outputs. The EL7240 and EL7241 differ only by their logic
polarity.
Pinouts
Features
• 20ns Propagation delay
• Clock to 10MHz
• 2 Amp peak output drive
•3
Ω output impedance
• 3V/5V Logic input compatible
• Outputs “OK” below ground
• Operating voltage 4.5V to 16V
Applications
• Tape drive-write head driver
• Current switching
• Center-Tapped transformer driver
• ATE-pin drivers
• Analog switching
• AC switching
• T - switch
EL7240
(8-PIN PDIP, SOIC)
TOP VIEW
EL7241
(8-PIN PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL7240CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL7240CS
-40°C to +85°C
8-Pin PSOIC
MDP0027
EL7241CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL7241CS
-40°C to +85°C
8-Pin PSOIC
MDP0027
Operating Voltage Range
PINS
MIN/MAX (VOLTS)
VDD/GND
4.5/16
VDD/Output
0/-20
Source/Output
0/-16
Output/GND
16/-10
Data Sheet
January 1996, Rev A
OBSO
LET
E PR
ODU
CT
NO R
ECO
MMEN
DED
REP
LAC
EMEN
T
cont
act o
ur T
echn
ical S
upp
ort C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inter
sil.c
om/t
sc


Similar Part No. - EL7241CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CN ELANTEC-EL7242CN Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CN INTERSIL-EL7242CN Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
More results

Similar Description - EL7241CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
logo
API Technologies Corp
DD211B APITECH-DD211B Datasheet
1,020Kb / 1P
HIGH SPEED DRIVERS
DD211 APITECH-DD211 Datasheet
1Mb / 1P
Dual High Speed Drivers
DD111M APITECH-DD111M Datasheet
958Kb / 1P
HIGH SPEED DRIVERS
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com