Electronic Components Datasheet Search
  English  ▼

X  

NE8FDP Datasheet(PDF) 1 Page - Neutrik AG

Part # NE8FDP
Description  RJ45 feedthrough receptacle, D-shape metal flange with the latch lock, mounting screws included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8FDP Datasheet(HTML) 1 Page - Neutrik AG

  NE8FDP Datasheet HTML 1Page - Neutrik AG NE8FDP Datasheet HTML 2Page - Neutrik AG NE8FDP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NE8FDP
RJ45 feedthrough receptacle, D-shape metal flange with the latch
lock, mounting screws included
The etherCON Series is a ruggedized and lockable RJ45
connector system, optimized for pro audio, video and lightning
network applications. The chassis connectors are shaped to fit
into standardized panels out of the entertainment industry.
The D-Series offers the most rugged design of the etherCON
series and is perfectly suitable for panel mount and the installer
market.
Attention! Does not intermate with CAT6 cable connector
NE8MC6-MO and NKE6S* cables.
Features & Benefits
Accommodates NE8MC* or any standard RJ45 plug
•
Approved latch lock system
•
Mountable from the front or rear of the panel
•
Complies with Cat 5e according to TIA / EIA 568B and
ISO / IEC 11801 standard
•
NE8FDP
1
/3


Similar Part No. - NE8FDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE8FDP ETC2-NE8FDP Datasheet
103Kb / 1P
ST-NE8FDP
logo
Neutrik AG
NE8FDP-B NEUTRIK-NE8FDP-B Datasheet
160Kb / 3P
RJ45 feedthrough receptacle, black D-shape metal flange with the latch lock, mounting screws included
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
NE8FDP-SE NEUTRIK-NE8FDP-SE Datasheet
105Kb / 3P
RJ45 feedthrough receptacle, combined with sealing kit SE8FD, D-shape metal flange with the latch lock, mounting screws included
More results

Similar Description - NE8FDP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NE8FDH-C5E NEUTRIK-NE8FDH-C5E Datasheet
127Kb / 3P
Horizontal C5e component compliant PCB panel mount RJ45 receptacle, D-shape metal flange with latch lock, max.
NE8FDP-B NEUTRIK-NE8FDP-B Datasheet
160Kb / 3P
RJ45 feedthrough receptacle, black D-shape metal flange with the latch lock, mounting screws included
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
NE8FDP-SE NEUTRIK-NE8FDP-SE Datasheet
105Kb / 3P
RJ45 feedthrough receptacle, combined with sealing kit SE8FD, D-shape metal flange with the latch lock, mounting screws included
NE8FDP-TOP NEUTRIK-NE8FDP-TOP Datasheet
82Kb / 3P
RJ45 feedthrough receptacle, combined with sealing kit SE8FDTOP, D-shape metal flange with the latch lock, mounting screws included.
NE8FDV NEUTRIK-NE8FDV Datasheet
107Kb / 3P
Vertical PCB panel mount RJ45 receptacle, D-shape metal flange with latch lock, max.
NE8FDV-B NEUTRIK-NE8FDV-B Datasheet
115Kb / 3P
Vertical PCB panel mount RJ45 receptacle, black D-shape metal flange with latch lock, max.
NE8FDV-Y110 NEUTRIK-NE8FDV-Y110 Datasheet
119Kb / 3P
Panel mount receptacle with IDC 110 punch down terminals, D-shape metal flange with latch lock, max.
NE8FDV-Y110-B NEUTRIK-NE8FDV-Y110-B Datasheet
104Kb / 3P
Panel mount receptacle with IDC 110 punch down terminals, black D-shape metal flange with latch lock, max.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com