Electronic Components Datasheet Search
  English  ▼

X  

NE8FDP-TOP Datasheet(PDF) 1 Page - Neutrik AG

Part # NE8FDP-TOP
Description  RJ45 feedthrough receptacle, combined with sealing kit SE8FDTOP, D-shape metal flange with the latch lock, mounting screws included.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8FDP-TOP Datasheet(HTML) 1 Page - Neutrik AG

  NE8FDP-TOP Datasheet HTML 1Page - Neutrik AG NE8FDP-TOP Datasheet HTML 2Page - Neutrik AG NE8FDP-TOP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NE8FDP-TOP
RJ45 feedthrough receptacle, combined with sealing kit SE8FD-
TOP, D-shape metal flange with the latch lock, mounting screws
included.
The etherCON series is a ruggedized and lockable RJ45
connector system, optimized for pro audio, video and lighting
network applications with IP65 rating and UL 50E certification.
The chassis connectors are shaped to fit into standardized
panels out of the entertainment industry. The D-series offers the
most rugged design of the etherCON series and is perfectly
suitable for panel mount and the installer market.
ATTENTION: Does not intermate with CAT6 cable connector
NE8MC6-MO and NKE6S* cables.
Features & Benefits
IP65 rating and certified outdoor protection to UL 50E
(in combination with NE8MX-TOP or sealing cap
closed)
•
Uses high impact UV-resistant and gasket materials
•
Accomodates NE8MCX* or any standard RJ45 plug
•
Class D or CAT5e according to ISO/IEC 11801 and
TIA/EIA
•
Approved latch lock system
•
Mountable from the front of the panel
•
Ground panel connection
•
NE8FDP-TOP
1
/3


Similar Part No. - NE8FDP-TOP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NE8FDP-B NEUTRIK-NE8FDP-B Datasheet
160Kb / 3P
RJ45 feedthrough receptacle, black D-shape metal flange with the latch lock, mounting screws included
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
NE8FDP-SE NEUTRIK-NE8FDP-SE Datasheet
105Kb / 3P
RJ45 feedthrough receptacle, combined with sealing kit SE8FD, D-shape metal flange with the latch lock, mounting screws included
More results

Similar Description - NE8FDP-TOP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NE8FDH-C5E NEUTRIK-NE8FDH-C5E Datasheet
127Kb / 3P
Horizontal C5e component compliant PCB panel mount RJ45 receptacle, D-shape metal flange with latch lock, max.
NE8FDP NEUTRIK-NE8FDP Datasheet
121Kb / 3P
RJ45 feedthrough receptacle, D-shape metal flange with the latch lock, mounting screws included
NE8FDP-B NEUTRIK-NE8FDP-B Datasheet
160Kb / 3P
RJ45 feedthrough receptacle, black D-shape metal flange with the latch lock, mounting screws included
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
NE8FDP-SE NEUTRIK-NE8FDP-SE Datasheet
105Kb / 3P
RJ45 feedthrough receptacle, combined with sealing kit SE8FD, D-shape metal flange with the latch lock, mounting screws included
NE8FDV NEUTRIK-NE8FDV Datasheet
107Kb / 3P
Vertical PCB panel mount RJ45 receptacle, D-shape metal flange with latch lock, max.
NE8FDV-B NEUTRIK-NE8FDV-B Datasheet
115Kb / 3P
Vertical PCB panel mount RJ45 receptacle, black D-shape metal flange with latch lock, max.
NE8FDV-SE NEUTRIK-NE8FDV-SE Datasheet
175Kb / 4P
Vertical PCB panel mount RJ45 receptacle, combined with sealing kit SE8FD, max.
NE8FDV-Y110 NEUTRIK-NE8FDV-Y110 Datasheet
119Kb / 3P
Panel mount receptacle with IDC 110 punch down terminals, D-shape metal flange with latch lock, max.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com