Electronic Components Datasheet Search
  English  ▼

X  

EL7761 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7761
Description  100V Half Bridge Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7761 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7761 Datasheet HTML 1Page - Intersil Corporation EL7761 Datasheet HTML 2Page - Intersil Corporation EL7761 Datasheet HTML 3Page - Intersil Corporation EL7761 Datasheet HTML 4Page - Intersil Corporation EL7761 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply (VHI to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100V
Supply (VDD to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V below GND,
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.3V above VDD
Peak Current per Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2A
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1100mW
PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1800mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = 25°C, VDD = 15V, CLOAD = 1000pF, unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT/OUTPUT
VIH
Logic “1” Input Voltage
3.0
2.4
V
IIH
Logic “1” Input Current
0.1
10.0
µA
VIL
Logic “0” Input Voltage
1.8
0.8
V
IIL
Logic “0” Input Current
0.1
10.0
µA
VHVS
Input Hysteresis
0.5
V
VENH
Enable Threshold
Positive Edge
2.8
1.6
V
VENL
Disable Threshold
Negative Edge
0.9
0.6
V
VEN HYS
Enable Hysteresis
0.7
V
IDS OFF
Output Leakage
GND
≤ V
OUT ≤ VDD
-10.0
0.2
10.0
µA
ROH
Pull-up Resistance
IOUT = -100mA
5.0
10.0
Ω
ROL
Pull-down Resistance
IOUT = +100mA
5.0
10.0
Ω
IPK
Peak Output Current
1.0
A
IDC
Continuous Output Current Source/Sink
50.0
mA
POWER SUPPLY
IDD
Supply Current into VDD
RSET = 5.1k
6.0
10.0
mA
IHI
Supply Current into VHI
2.0
4.0
mA
IDD OFF
Supply Current into VDD
VEN = 0.6V
750.0
uA
VDD
Operating Voltage
4.5
15.0
V
EL7761



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com