Electronic Components Datasheet Search
  English  ▼

X  

EL7641ILTZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7641ILTZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL7641ILTZ Datasheet HTML 9Page - Intersil Corporation EL7641ILTZ Datasheet HTML 10Page - Intersil Corporation EL7641ILTZ Datasheet HTML 11Page - Intersil Corporation EL7641ILTZ Datasheet HTML 12Page - Intersil Corporation EL7641ILTZ Datasheet HTML 13Page - Intersil Corporation EL7641ILTZ Datasheet HTML 14Page - Intersil Corporation EL7641ILTZ Datasheet HTML 15Page - Intersil Corporation EL7641ILTZ Datasheet HTML 16Page - Intersil Corporation EL7641ILTZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
FN7415.1
September 26, 2005
FIGURE 19. VON FUNCTIONAL BLOCK DIAGRAM
FIGURE 20. VOFF FUNCTIONAL BLOCK DIAGRAM
The VON power supply is used to power the positive supply
of the row driver in the LCD panel. The DC/DC consists of an
external diode-capacitor charge pump powered from the
inductor (LX) of the boost converter, followed by a low
dropout linear regulator (LDO_ON). The LDO_ON regulator
uses an external PNP transistor as the pass element. The
onboard LDO controller is a wide band (>10MHz)
transconductance amplifier capable of 5mA output current,
which is sufficient for up to 50mA or more output current
under the low dropout condition (forced beta of 10). Typical
VON voltage supported by EL7640, EL7641 and EL7642
ranges from +15V to +36V. A fault comparator is also
included for monitoring the output voltage. The under-
voltage threshold is set at 25% below the 1.2V reference.
The VOFF power supply is used to power the negative
supply of the row driver in the LCD panel. The DC/DC
consists of an external diode-capacitor charge pump
powered from the inductor (LX) of the boost converter,
followed by a low dropout linear regulator (LDO_OFF). The
LDO_OFF regulator uses an external NPN transistor as the
pass element. The onboard LDO controller is a wide band
(>10MHz) transconductance amplifier capable of 5mA
output current, which is sufficient for up to 50mA or more
output current under the low dropout condition (forced beta
of 10). Typical VOFF voltage supported by EL7640, EL7641
and EL7642 ranges from -5V to -25V. A fault comparator is
also included for monitoring the output voltage. The under-
voltage threshold is set at 200mV above the 0.2V reference
level.
Set-up Output Voltage
Refer to Typical Application Diagram, the output voltages of
VON, VOFF and VLOGIC are determined by the following
equations:
Where VREF = 1.2V, VREFN = 0.2V.
High Charge Pump Output Voltage (>36V)
Applications
In the applications where the charge pump output voltage is
over 36V, an external NPN transistor needs to be inserted in
between the DRVP pin and the base of pass transistor Q3 as
shown in Figure 21, or the linear regulator can control only
one stage charge pump and regulate the final charge pump
output as shown in Figure 22.
-
+
-
+
36V
ESD
CLAMP
GMP
LDO_ON
PG_LDOP
1: Np
FBP
DRVP
700
Ω
RBP
VBOOST
0.1µF
0.1µF
CP (TO 36V)
20k
Ω
RP2
RP1
CON
VON (TO 35V)
LX
0.9V
-
+
-
+
36V
ESD
CLAMP
GMN
LDO_OFF
1: Nn
FBN
DRVN
0.1µF
0.1µF
CP (TO -26V)
RBN
COFF
VOFF (TO -20V)
LX
RN1
RN2
20k
Ω
VREF
PG_LDON
0.4V
700
Ω
V
ON
V
REF
1
R
12
R
11
----------
+



×
=
V
OFF
V
REFN
R
22
R
21
----------
V
REFN
V
REF
–
()
×
+
=
VIN
OR VBOOST
CHARGE PUMP
OUTPUT
700
Ω
Q11
FBP
DRVP
NPN
CASCODE
TRANSISTOR
EL764X
VON
FIGURE 21. CASCODE NPN TRANSISTOR CONFIGURATION
FOR HIGH CHARGE PUMP OUTPUT VOLTAGE
(>36V)
EL7640, EL7641, EL7642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com