Electronic Components Datasheet Search
  English  ▼

X  

DN3525 Datasheet(PDF) 4 Page - Microchip Technology

Part # DN3525
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3525 Datasheet(HTML) 4 Page - Microchip Technology

  DN3525 Datasheet HTML 1Page - Microchip Technology DN3525 Datasheet HTML 2Page - Microchip Technology DN3525 Datasheet HTML 3Page - Microchip Technology DN3525 Datasheet HTML 4Page - Microchip Technology DN3525 Datasheet HTML 5Page - Microchip Technology DN3525 Datasheet HTML 6Page - Microchip Technology DN3525 Datasheet HTML 7Page - Microchip Technology DN3525 Datasheet HTML 8Page - Microchip Technology DN3525 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DN3525
DS20005705A-page 4
 2018 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
V
DS (Volts)
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
GS = +2V
0V
-0.5V
-1.5V
-2V
-0.8V
-1V
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
Output Characteristics.
I
D (Milliamperes)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
T
A = 25
OC
T
A = 125
OC
T
A = -55
OC
V
DS=10V
FIGURE 2-2:
Transconductance vs. Drain
Current.
V
DS (Volts)
1
1000
100
10
SOT-89 (Pulsed)
T
A = 25
OC
0.001
0.01
0.1
10
SOT-89 (DC)
1.0
FIGURE 2-3:
Maximum Rated Safe
Operating Area.
FIGURE 2-4:
Saturation Characteristics.
V
DS (Volts)
-0.5V
0V
-1V
-0.8V
02468
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-1.5V
-2V
V
GS = +2V
T
A (
OC)
0
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
SOT-89
FIGURE 2-5:
Power Dissipation vs.
Ambient Temperature.
t
p (Seconds)
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1
SOT-89
T
A = 25
OC
P
D = 1.6W
FIGURE 2-6:
Thermal Response
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com