Electronic Components Datasheet Search
  English  ▼

X  

HCF4013BEY Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4013BEY
Description  Dual D-type flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013BEY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4013BEY Datasheet HTML 3Page - STMicroelectronics HCF4013BEY Datasheet HTML 4Page - STMicroelectronics HCF4013BEY Datasheet HTML 5Page - STMicroelectronics HCF4013BEY Datasheet HTML 6Page - STMicroelectronics HCF4013BEY Datasheet HTML 7Page - STMicroelectronics HCF4013BEY Datasheet HTML 8Page - STMicroelectronics HCF4013BEY Datasheet HTML 9Page - STMicroelectronics HCF4013BEY Datasheet HTML 10Page - STMicroelectronics HCF4013BEY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID2023 Rev 4
7/13
HCF4013
Electrical characteristics
13
Table 7. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 kΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
1. The typical temperature coefficient for all VDD values is 0.3 %/°C.
Unit
VDD (V)
Min.
Typ.
Max.
tTLH, tTHL
Propagation delay time
(CLOCK to Q or Q outputs)
5150
300
ns
10
65
130
15
45
90
tPLH
Propagation delay time
(SET to Q or RESET to Q)
5150
300
10
65
130
15
45
90
tPHL
Propagation delay time
(SET to Q or RESET to Q)
5200
400
10
85
170
15
60
120
tTHL, tTLH Transition time
5100
200
10
50
100
15
40
80
fCL(2)
2. Input tr, tf = 5 ns
Maximum clock input frequency
53.5
7
MHz
10
8
16
15
12
24
tW
Clock pulse width
5140
70
ns
10
60
30
15
40
20
Set or reset pulse width
5180
90
10
80
40
15
50
25
tr , tf (3)
3. If more than one unit is cascaded in a parallel clocked application, tr should be made less than or equal to
the sum of the fixed propagation delay time at 15 pF and the transition time of the carry output driving stage
for the estimated capacitive load.
Clock input rise or fall time
515
μs
10
4
15
1
ts
Data setup time
540
20
ns
10
20
10
15
15
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com