Electronic Components Datasheet Search
  English  ▼

X  

253303 Datasheet(PDF) 1 Page - Adels-Contact

Part # 253303
Description  TC 2533 MONO/ 3 grey
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

253303 Datasheet(HTML) 1 Page - Adels-Contact

  253303 Datasheet HTML 1Page - Adels-Contact 253303 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/02/2020
Transformer Connectors
TC 2533 MONO/ 3 grey
Terminal Block Spring Cage, 3 pole, grey, Voltage Rating: 750 V, Cross-
Section: 4.0 mm²
Order Info
Reference Number (ref. no.)
253303
Applications
Transformers
PU
100
EAN
4028012108688
Type
Type
Terminal Block Spring Cage
Number of poles
3 pole
Clamping Units per Pole
1
Colour
grey
Cross-Section
4.0 mm²
Connection Type
Löt-Steck
Technical Data
Voltage Rating
750 V
Current Rating
32 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
4.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
9.0-10.0 mm
Approbation EN60998
TC25xx_EN60998_20070830_VDE_40021971_web.pdf
Approbation CSA
Trafoklemmen_20160615_CSA_70073973_Certificate_web.pdf
Accessories
BZ 14 RU
293800


Similar Part No. - 253303

ManufacturerPart #DatasheetDescription
logo
Lumberg
253301 LUMBERG-253301 Datasheet
527Kb / 3P
Modular connectors
logo
Integrated Technology F...
253301B ITF-253301B Datasheet
190Kb / 5P
SAW Bandpass Filter
2008-02-28
logo
Wurth Elektronik GmbH &...
2533020201601 WURTH-2533020201601 Datasheet
780Kb / 7P
WSEN-ITDS 3 Axis Acceleration Sensor
003.000
25330202016011 WURTH-25330202016011 Datasheet
752Kb / 7P
WSEN-ITDS 3 Axis Acceleration Sensor
003.000
More results

Similar Description - 253303

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162003 ADELS-162003 Datasheet
125Kb / 3P
AC 166 GST/ 3 pebble grey
12/11/2019
165003 ADELS-165003 Datasheet
124Kb / 3P
AC 166 GBU/ 3 pebble grey
12/11/2019
169003 ADELS-169003 Datasheet
120Kb / 2P
AC 166 GBULH/ 3 pebble grey
12/11/2019
169303 ADELS-169303 Datasheet
120Kb / 2P
AC 166 GBULV/ 3 pebble grey
12/11/2019
169603 ADELS-169603 Datasheet
120Kb / 2P
AC 166 GSTLV/ 3 pebble grey
12/11/2019
169903 ADELS-169903 Datasheet
120Kb / 2P
AC 166 GSTLH/ 3 pebble grey
12/11/2019
252301 ADELS-252301 Datasheet
143Kb / 2P
TC 2523/ 1 grey
252302 ADELS-252302 Datasheet
145Kb / 1P
TC 2523/ 2 grey
253393 ADELS-253393 Datasheet
153Kb / 2P
TC 2533 MONO/ 3 orange
258301 ADELS-258301 Datasheet
143Kb / 1P
TC 2523 Si 20 grey
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com