Electronic Components Datasheet Search
  English  ▼

X  

NE8MX Datasheet(PDF) 1 Page - Neutrik AG

Part # NE8MX
Description  RJ45 cable connector carrier for pre-assembled RJ45 plugs consists of nickel shell, bushing and boot.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8MX Datasheet(HTML) 1 Page - Neutrik AG

  NE8MX Datasheet HTML 1Page - Neutrik AG NE8MX Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NE8MX
RJ45 cable connector carrier for pre-assembled RJ45 plugs
consists of nickel shell, bushing and boot. Packed with two cable
protection elements for cable diameter up to 8 mm. Cable
connector carrier does not include a RJ45 plug.
The etherCON cable connector carrier upgrades a conventional
RJ45 connector to an extremely robust lockable solution.
ATTENTION: Does not intermate with the CAT6 chassis
connectors NE8FDY-C6 and NE8FDY-C6-B.
Features & Benefits
The RJ45 system for harsh and demanding
environment
•
Cable connector carrier accepts the most common
RJ45 plugs (see list at downloads)
•
Rugged diecast shell and unique chuck type strain
relief
•
Protects Ethernet connections in a variety of
commercial type applications and is designed to
prevent breakage of the fragile components of
standard RJ45 connectors
•
Allows assembly of pre-assembled conventional RJ45
cables
•
Accessories include color coded boots in 9 standard
colors
•
NE8MX
1
/2


Similar Part No. - NE8MX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NE8MX-1 NEUTRIK-NE8MX-1 Datasheet
80Kb / 2P
Cable connector carrier consists of a nickel shell, chuck and boot.
NE8MX-B NEUTRIK-NE8MX-B Datasheet
79Kb / 2P
RJ45 cable connector carrier for pre-assembled RJ45 plugs consists of black chromium shell, bushing and boot.
NE8MX-B-1 NEUTRIK-NE8MX-B-1 Datasheet
79Kb / 2P
Cable connector carrier consists of a black chromium shell, chuck and boot.
NE8MX-TOP NEUTRIK-NE8MX-TOP Datasheet
78Kb / 2P
Cable connector carrier consists of a velour chromiuim shell, chuck and boot.
NE8MX6 NEUTRIK-NE8MX6 Datasheet
85Kb / 2P
etherCON CAT6 cable connector self-termination, for insulation diameter > 1.1 mm, nickel plating
More results

Similar Description - NE8MX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N030100FL TRIPPLITE-N030100FL Datasheet
478Kb / 2P
RJ45 Plugs for Flat Solid - Stranded Conductor Cable, 100-Pack
logo
Neutrik AG
NE8MC-1 NEUTRIK-NE8MC-1 Datasheet
88Kb / 2P
Cable connector carrier consists of a shell, fixing disk, chuck and boot.
NE8MC-B NEUTRIK-NE8MC-B Datasheet
88Kb / 2P
RJ45 cable connector carrier for pre-assembled RJ45 plugs consists of black chromium shell, fixing disk, chuck, bushing and boot.
NE8MC-B-1 NEUTRIK-NE8MC-B-1 Datasheet
90Kb / 2P
Cable connector carrier consists of a black chromium shell, fixing disk, chuck and boot.
NE8MX-1 NEUTRIK-NE8MX-1 Datasheet
80Kb / 2P
Cable connector carrier consists of a nickel shell, chuck and boot.
NE8MX-B NEUTRIK-NE8MX-B Datasheet
79Kb / 2P
RJ45 cable connector carrier for pre-assembled RJ45 plugs consists of black chromium shell, bushing and boot.
NE8MX-B-1 NEUTRIK-NE8MX-B-1 Datasheet
79Kb / 2P
Cable connector carrier consists of a black chromium shell, chuck and boot.
NE8MX-TOP NEUTRIK-NE8MX-TOP Datasheet
78Kb / 2P
Cable connector carrier consists of a velour chromiuim shell, chuck and boot.
logo
Bel Fuse Inc.
SS-39300-001 BEL-SS-39300-001 Datasheet
455Kb / 1P
RJ45 Punch Down Plugs
logo
HARTING Technology Grou...
09-14-001-4622 HARTING-09-14-001-4622 Datasheet
462Kb / 2P
Han RJ45 module, male for plugs
2021-12-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com