Electronic Components Datasheet Search
  English  ▼

X  

314005 Datasheet(PDF) 1 Page - Adels-Contact

Part # 314005
Description  GSK 720 V/ 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

314005 Datasheet(HTML) 1 Page - Adels-Contact

  314005 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 720 V/ 5
Terminal Block Vertical, Pin Spacing: 3.5 mm, 5 pole, Insulating
Material: PBT, Voltage Rating: 130 V, Current Rating: 13.5 A, Cross-
Section: 1.0 mm²
Order Info
Reference Number (ref. no.)
314005
Applications
Lighting, Electrical Appliances, Electronics
PU
500
EAN
4028012108855
Type
Type
Terminal Block Vertical
Number of poles
5 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
1.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
130 V
Current Rating
13.5 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
1.5 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
4.0-4.5 mm
Assembly Contact Screw
0.4x2.5 / 0.2 Nm
Pin Spacing
3.5 mm
Approbation EN60998
GSK720_EN60998_20070920_VDE_40022168_web.pdf
Approbation UL
GSK720_19940608_19941222_UL_E63492_1-12_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 314005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
314005 LITTELFUSE-314005 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
314005 LITTELFUSE-314005 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314005P LITTELFUSE-314005P Datasheet
50Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314005P LITTELFUSE-314005P Datasheet
140Kb / 1P
Axial Lead and Cartridge Fuses
More results

Similar Description - 314005

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
314003 ADELS-314003 Datasheet
118Kb / 1P
GSK 720 V/ 3
314006 ADELS-314006 Datasheet
143Kb / 1P
GSK 720 V/ 6
314007 ADELS-314007 Datasheet
111Kb / 1P
GSK 720 V/ 7
314009 ADELS-314009 Datasheet
146Kb / 1P
GSK 720 V/ 9
314011 ADELS-314011 Datasheet
111Kb / 1P
GSK 720 V/11
314014 ADELS-314014 Datasheet
111Kb / 1P
GSK 720 V/14
314015 ADELS-314015 Datasheet
111Kb / 1P
GSK 720 V/15
314016 ADELS-314016 Datasheet
111Kb / 1P
GSK 720 V/16
314105 ADELS-314105 Datasheet
119Kb / 1P
GSK 720 V/ 5 DS
314405 ADELS-314405 Datasheet
111Kb / 1P
GSK 720 H/ 5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com