Electronic Components Datasheet Search
  English  ▼

X  

0709534 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0709534
Description  Feed-through terminal block - HDFK 95
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0709534 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0709534 Datasheet HTML 1Page - PHOENIX CONTACT 0709534 Datasheet HTML 2Page - PHOENIX CONTACT 0709534 Datasheet HTML 3Page - PHOENIX CONTACT 0709534 Datasheet HTML 4Page - PHOENIX CONTACT 0709534 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0709534
11.10.2012   Page 1 / 5
Feed-through terminal block - HDFK 95 - 0709534
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Screw connection, Load current : 232 A, Cross
section: 35 mm² - 95 mm², AWG 2 - 3/0, Connection direction of the conductor to plug-in direction: 0
°, Width: 25 mm, Color: gray
Why buy this product
 Easy grouping with engagement pin versions
 Both terminal halves can be easily assembled by simply snapping them together
 Automatic compensation of the panel thickness via the snap principle integrated in the insulation housing
 Universal screw connection with screw locking
 Spacer plates increase air and creepage distances
 
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 674 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
GREECE
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
25 mm
Technical data
Maximum load current
232 A
Rated surge voltage
8 kV


Similar Part No. - 0709534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0709547 PHOENIX-0709547 Datasheet
84Kb / 5P
Feed-through terminal block - HDFKV 95
0709550 PHOENIX-0709550 Datasheet
131Kb / 8P
Panel feed-through terminal block - HDFKV 10-TWIN
0709563 PHOENIX-0709563 Datasheet
287Kb / 7P
Panel feed-through terminal block - HDFKV 25-TWIN
More results

Similar Description - 0709534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707743 PHOENIX-0707743 Datasheet
78Kb / 5P
Feed-through terminal block - HDFK 25
0709644 PHOENIX-0709644 Datasheet
78Kb / 5P
Panel feed-through terminal block - HDFK 95-F
0709916 PHOENIX-0709916 Datasheet
79Kb / 5P
Panel feed-through terminal block - HDFK 95-F-VP
0714037 PHOENIX-0714037 Datasheet
77Kb / 4P
Panel feed-through terminal block - HDFK 95-F/Z
0717076 PHOENIX-0717076 Datasheet
79Kb / 5P
Panel feed-through terminal block - HDFK 95-F-VP/Z
0717364 PHOENIX-0717364 Datasheet
84Kb / 5P
Panel feed-through terminal block - HDFK 95/Z
0717584 PHOENIX-0717584 Datasheet
88Kb / 6P
Panel feed-through terminal block - HDFK 95 BU
0717979 PHOENIX-0717979 Datasheet
53Kb / 4P
Panel feed-through terminal block - HDFK 95-VP
3001721 PHOENIX-3001721 Datasheet
83Kb / 5P
Feed-through terminal block - HDFK 16
0717665 PHOENIX-0717665 Datasheet
470Kb / 14P
Panel feed-through terminal block - HDFK 95-F-VPGNYE
Jul 20, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com