Electronic Components Datasheet Search
  English  ▼

X  

XPM-96SS Datasheet(PDF) 2 Page - Neutrik AG

Part # XPM-96SS
Description  96 way Bantam Patch Panel, silver front panel, grouped 4 x 24, extra rugged jack sockets allow customized normalling
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

XPM-96SS Datasheet(HTML) 2 Page - Neutrik AG

  XPM-96SS Datasheet HTML 1Page - Neutrik AG XPM-96SS Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
XPM-96SS
Connection Type
Patch Panel
Electrical
Signal Type
AES/EBU Signals (digital)
Contact resistance
< 24 mΩ
Contact resistance
< 16 mΩ
Dielectric strength
> 0.5 kVdc
Frequencyrange
DC to > 50 MHz
Insulation resistance
> 1 GΩ @ 500 V dc
Channel separation
> 100 dB @ 10 kHz, 600 terminated
> 40 dB @ 6 MHz, 110 terminated
Handles Phantom Power
Yes
Mechanical
Insertion force
< 25 N
Withdrawal force
> 10 N
Lifetime
> 20000 mating cycles
Wiresize
Material
Contacts
Pallatium plated (Switch contacts)
Shell
diecast alloy (Jacks)
Shell plating
Silver front panel
Front panel
anodised Al
Lacing bar
powder coated steel
Environmental
Temperature range
-30 °C to +80 °C
XPM-96SS
2
/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com