Electronic Components Datasheet Search
  English  ▼

X  

RHF330A Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHF330A
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHF330A Datasheet HTML 2Page - STMicroelectronics RHF330A Datasheet HTML 3Page - STMicroelectronics RHF330A Datasheet HTML 4Page - STMicroelectronics RHF330A Datasheet HTML 5Page - STMicroelectronics RHF330A Datasheet HTML 6Page - STMicroelectronics RHF330A Datasheet HTML 7Page - STMicroelectronics RHF330A Datasheet HTML 8Page - STMicroelectronics RHF330A Datasheet HTML 9Page - STMicroelectronics RHF330A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
4
Electrical characteristic curves
Figure 2. Frequency response, positive gain
1M
10M
100M
1G
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Ga in=1
Ga in=2
Ga in=4
S mall S ignal
Vcc= 5V
Load =100 Ω
Ga in=10
Frequenc y (Hz)
Figure 3. Flatness, gain = 2 compensated
1M
10M
100M
1G
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
Frequenc y (Hz)
+
-
300 Ω
300 Ω
0.5pF
Vin
Vout
Gain=+2, Vcc=+5V,
Small Signal
100 Ω
Figure 4. Flatness, gain = 4 compensated
1M
10M
100M
1G
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12.0
12.1
12.2
Frequenc y (Hz)
+
-
82 Ω
240 Ω
2.7pF
Vin
Vout
Gain=+4, Vcc=+5V,
Small Signal
100 Ω
Figure 5. Flatness, gain = 10 compensated
1M
10M
100M
1G
19. 3
19. 4
19. 5
19. 6
19. 7
19. 8
19. 9
20. 0
20. 1
20. 2
20. 3
Frequency (Hz)
+
-
22 Ω
200 Ω
12p F
Vin
Vout
Gain=+10, Vcc=+5V,
Small Signal
100 Ω
RHF330A
Electrical characteristic curves
DS6200 - Rev 8
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com