Electronic Components Datasheet Search
  English  ▼

X  

TC2571 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC2571
Description  1W Low-Cost Packaged PHEMT GaAs Power FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC2571 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC2571 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2571 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2571 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC2571
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
IDS
Drain Current
IDSS
Pin
RF Input Power, CW
26 dBm
PT
Continuous Dissipation
3.8 W
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
RECOMMANDED OPERATING CONDITION
Symbol
Parameter
Rating
VDS
Drain to Source Voltage
8 V
ID
Drain Current
300 mA
HANDLING PRECAUTIONS :
The user must operate in a clean, dry environment.
Electrostatic Discharge(ESD) precautions should be
observed at all stages of storage, handling, assembly,
and testing. The static discharge must less than 300V.
TYPICAL SCATTERING PARAMETERS (TA=25℃)
Power Bias : VDS = 8 V, IDS = 300 mA
10.0
5.0
3.
0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
0.2
0.05
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.0
3.
0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S22
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.8422
179.88
4.4104
55.63
0.0378
4.41
0.2968
-160.56
3
0.8330
156.09
3.0979
27.48
0.0410
-5.11
0.3334
-174.58
4
0.8128
135.66
2.4617
1.60
0.0463
-13.48
0.3617
172.88
5
0.7880
114.61
2.1283
-23.92
0.0531
-21.93
0.3796
159.66
6
0.7645
90.83
1.9470
-50.89
0.0655
-35.02
0.3879
145.45
7
0.7467
63.85
1.8797
-79.40
0.0813
-51.82
0.3770
128.62
8
0.7247
33.82
1.8428
-109.44
0.1016
-73.69
0.3550
110.31
9
0.7245
-5.98
1.7925
-146.06
0.1226
-103.34
0.3032
81.57



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com