Electronic Components Datasheet Search
  English  ▼

X  

SGP-TC-EVK Datasheet(PDF) 1 Page - STMicroelectronics

Part # SGP-TC-EVK
Description  Evaluation Kit for SPC58 Gateway enhanced by Telemaco3P ASIL-B Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGP-TC-EVK Datasheet(HTML) 1 Page - STMicroelectronics

  SGP-TC-EVK Datasheet HTML 1Page - STMicroelectronics SGP-TC-EVK Datasheet HTML 2Page - STMicroelectronics SGP-TC-EVK Datasheet HTML 3Page - STMicroelectronics SGP-TC-EVK Datasheet HTML 4Page - STMicroelectronics SGP-TC-EVK Datasheet HTML 5Page - STMicroelectronics SGP-TC-EVK Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Secure Automotive Microcontroller SPC58NH92C5 (Chorus)
•
Up to ISO26262 ASIL-D SEooCTriple e200z4d core up to 200 MHz
•
10 MB embedded Flash (with HW A/B context swap capability), 1.28 MB
embedded RAM
•
eMMC and OctalBus (Hyberbus, Hyperbus, dual-QSPI, Octabus, etc.) interfaces
(for Flash and RAM expansion respectively)
•
1x Ethernet Gigabit with AVB, 1x Ethernet 100 M
•
CAN FD (16x), LIN (24x), FlexRay
•
Advanced PWM Timer capabilities for BCM
•
Embedded Hardware Security Module up to EVITA Full class
Secure Automotive Microprocessor STA1385 (Telemaco3P)
•
ISO26262 ASIL-B SEooC
•
Dual Arm® Cortex®-A7 at 600 MHz
•
Arm® Cortex®-M3 at 200 MHz
•
2x RMII/RGMII Ethernet AVB MAC
•
SD/SDIO up to 96 MHz 4-bit
•
Memory interfaces:
–
eMMC - MultiMedia Card 5.1
–
16-bit DDR3L-1066 (533 MHz)
–
16-bit LPDDR2-800 (400 MHz)
–
SQI NOR
–
8-bit Parallel NAND (1 chip select)
•
Embedded Hardware Security Module for symmetric and asymmetric
cryptography
ST33G1M2A Secure Element
•
EAL5+ Tamper resistant vault for secure data and key storage
•
TCG-certified Trusted Platform Module
•
Single wire protocol (SWP) interface for communications with NFC router
•
Industrialized Key Provisioning, Keys Generation, and off-line personalization
In-vehicle Network Interfaces
•
FlexRay (1x)
•
LIN (1x), LIN CMOS (5x)
•
CAN FD (4x), CAN FD CMOS (6x)
•
100BASE-T1 (5x) and 1000BASE-T1 (1x), via a secure automotive ethernet
switch
Product status link
SGP-TC-EVK
Product summary
Order code
SGP-TC-EVK
Reference
SGP-TC-EVK
(Smart Gateway
Platform)
Evaluation Kit for SPC58 Gateway enhanced by Telemaco3P ASIL-B Processor
SGP-TC-EVK
Data brief
DB4156 - Rev 1 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SGP-TC-EVK

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
patent pending
SGP.1575.15.4.A.02 TAOGLAS-SGP.1575.15.4.A.02 Datasheet
1Mb / 12P
Patent Pending
SGP.1575.18.4.C.02 TAOGLAS-SGP.1575.18.4.C.02 Datasheet
931Kb / 12P
patent pending
SGP.1575.25.4.C.02 TAOGLAS-SGP.1575.25.4.C.02 Datasheet
2Mb / 13P
Patent pending
logo
GOOD-ARK Electronics
SGP011BSL GOOD-ARK-SGP011BSL Datasheet
268Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - SGP-TC-EVK

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
EVALUATION KIT FOR SA50
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
logo
Freescale Semiconductor...
MCIMX51EVKJ FREESCALE-MCIMX51EVKJ Datasheet
245Kb / 2P
Evaluation Kit (EVK) for the i.MX51 Applications Processor
logo
Analog Devices
ADZS-TS201S AD-ADZS-TS201S Datasheet
869Kb / 2P
ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
logo
STMicroelectronics
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
logo
NXP Semiconductors
8MPLUSLPD4-EVK NXP-8MPLUSLPD4-EVK Datasheet
12Mb / 5P
8MPLUSLPD4-EVK: Evaluation Kit for the i.MX8M Plus Applications Processor
2006-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com