Electronic Components Datasheet Search
  English  ▼

X  

STL130N8F7 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL130N8F7
Description  48 V flyback converter 12 V ??5 A based on PM8804
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL130N8F7 Datasheet(HTML) 2 Page - STMicroelectronics

  STL130N8F7 Datasheet HTML 1Page - STMicroelectronics STL130N8F7 Datasheet HTML 2Page - STMicroelectronics STL130N8F7 Datasheet HTML 3Page - STMicroelectronics STL130N8F7 Datasheet HTML 4Page - STMicroelectronics STL130N8F7 Datasheet HTML 5Page - STMicroelectronics STL130N8F7 Datasheet HTML 6Page - STMicroelectronics STL130N8F7 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Application overview
The STEVAL-ISA203V1 represents a compact and efficient continuous conduction mode flyback converter design
with synchronous rectification from 48 V input power, especially suitable for server and telecommunications
equipment. The board can supply an output voltage 12 V and load current up to 5 A.
The PM8804 PWM peak current mode controller integrates two MOSFET drivers with up to 1 A peak sink current
capability. The GAT1 signal drives the main switching MOSFET, while the GAT2 signal is capable of controlling a
P-channel MOSFET referred to PGND in active clamp flyback topology.
The SRK1000 flyback synchronous rectification controller takes body diode sensing feedback from the
STL130N8F7 secondary MOSFET.
Figure 1. STEVAL-ISA203V1 block diagram
STEVAL-ISA203V1
Application overview
DB4096 - Rev 1
page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com