Electronic Components Datasheet Search
  English  ▼

X  

VD55G0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD55G0
Description  Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD55G0 Datasheet(HTML) 1 Page - STMicroelectronics

  VD55G0 Datasheet HTML 1Page - STMicroelectronics VD55G0 Datasheet HTML 2Page - STMicroelectronics VD55G0 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
Global shutter technology, ST proprietary single layer
•
3D stacked sensor 40 nm/65 nm
•
2.61 µm x 2.61 µm BSI pixel with full DTI (deep trench isolation)
•
High-performance with excellent
–
QE (quantum efficiency)
–
MTF (modulation transfer function) up to near IR
–
Perfect PLS (shutter efficiency)
•
Smallest sensor on market with:
–
Compact die size: 2.6 mm x 2.5 mm
–
640 pixel x 600 pixel resolution
–
Very small pixel array, 1.67 mm x 1.57 mm
–
Optical format between 1/9 inch
•
Operating junction temperature: -30 °C to 85 °C
•
Single lane transmitter MIPI CSI-2 (copyright© 2005-2010 MIPI Alliance, Inc.
Standard for Camera Serial Interface 2 (CSI-2) version 1.0) version 1.3, 1.2
Gbps per lane
•
Fast mode+ I2C control interface
•
Integrated temperature sensor
•
Up to 210 fps (frames per second) at full resolution and 260 fps with VGA
resolution
•
Programmable sequences of 4-frame contexts, including frame parameters
•
Automatic dark calibration
•
Dynamic and map-based defective correction
•
Embedded auto-exposure with 8 x 8 = 64 zone statistics
•
4 multiple function IO, dynamically programmable with frame contexts (GPIO,
strobe pulse, pulse-width modulation, V sync)
•
Up to 4 illumination control outputs synchronized with sensor integration periods
and master/slave external frame start
•
Mirror/flip readout
•
Fully sequenceable with frame contexts
•
Crop
•
Binning (x2 and x4)
•
Sub sampling (x2 and x4)
Description
The VD55G0 is a global shutter image sensor optimized for near infrared scenes.
The sensor captures up to 210 fps in a 640 x 600 pixel resolution format. The pixel
construction of this device minimises crosstalk.
Order code
Description
VD55G0
Bare die
Application
Engineered for high-performance
computer vision applications, including
AR/VR, personal and industrial robotics,
drones, barcodes, biometrics and
gestures, embedded vision or scene
recognition.
Typical use cases where high-
performance near IR sensing is key. Also
demanding computer vision on scene with
movement requiring no shutter artifacts.
Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact
sensor, with high QE, high MTF, excellent PLS, and full-features
VD55G0
Data brief
DB4129 - Rev 3 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VD55G0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD55G0 STMICROELECTRONICS-VD55G0 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - VD55G0

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
STMicroelectronics
VD56G3 STMICROELECTRONICS-VD56G3 Datasheet
2Mb / 3P
Advanced 1.5 Mpixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
10-Feb-2020
VB1940 STMICROELECTRONICS-VB1940 Datasheet
235Kb / 5P
Automotive grade 5.1 megapixel backside illuminated global and rolling shutter sensor for near infrared and visible scenes
21-Jul-2022
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com