Electronic Components Datasheet Search
  English  ▼

X  

VD56G3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD56G3
Description  Advanced 1.5 Mpixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD56G3 Datasheet(HTML) 1 Page - STMicroelectronics

  VD56G3 Datasheet HTML 1Page - STMicroelectronics VD56G3 Datasheet HTML 2Page - STMicroelectronics VD56G3 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
Global shutter technology, ST proprietary single layer
•
3D stacked sensor 40 nm/65 nm
•
2.61 µm x 2.61 µm BSI pixel with full DTI (deep trench isolation)
•
High-performance with excellent
–
QE (quantum efficiency)
–
MTF (modulation transfer function) up to near IR
–
Perfect PLS (shutter efficiency)
•
Smallest sensor on market with 1.5 Mpixel resolution
–
Compact die size: 3.6 mm x 4.3 mm
–
1124 pixels x 1364 pixels
–
Very small pixel array, 2.9 mm x 3.6 mm
–
Optical format ¼ inch
•
Operating junction temperature: -30 °C to 85 °C
•
Dual lane transmitter MIPI CSI-2 (copyright© 2005-2010 MIPI Alliance, Inc.
Standard for Camera Serial Interface 2 (CSI-2) version 1.0) version 1.3, 1.5
Gbps per lane
•
Fast mode+ I2C control interface
•
Integrated temperature sensor
•
Up to 100 fps (frames per second) at full resolution and 260 fps with VGA
resolution
•
Programmable sequences of 4-frame contexts, including frame parameters
•
Automatic dark calibration
•
Dynamic and map-based defective correction
•
Embedded auto-exposure with 336 zone statistics
•
8 multiple function IO, dynamically programmable with frame contexts (GPIO,
strobe pulse, pulse-width modulation, V sync)
•
Up to 8 illumination control outputs synchronized with sensor integration periods
and master/slave external frame start
•
Mirror/flip readout
•
Fully sequenceable with frame contexts
•
Crop
•
Binning (x2 and x4)
•
Sub sampling (x2 and x4)
Description
The VD56G3 is a global shutter image sensor optimized for near infrared scenes.
The sensor captures up to 100 frames per second in a 1124 x 1364 resolution format.
The pixel construction of this device minimises crosstalk.
Order code
Description
VD56G3
Bare die
Application
Engineered for high-performance
computer vision applications, including
AR/VR, personal and industrial robotics,
drones, barcodes, biometrics and
gestures, embedded vision or scene
recognition.
Typical use cases where high-
performance near IR sensing is key. Also
demanding computer vision on scene with
movement requiring no shutter artifacts.
Advanced 1.5 Mpixel, backside illuminated Global Shutter, ultra compact sensor,
with high QE, high MTF, excellent PLS, and full-features
VD56G3
Data brief
DB4116 - Rev 2 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VD56G3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD56G3 STMICROELECTRONICS-VD56G3 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - VD56G3

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
OmniVision Technologies...
OV2311 OMNIVISION-OV2311 Datasheet
1Mb / 2P
Compact, Cost-Effective 2-Megapixel Global Shutter Sensor for Driver Monitoring Systems
logo
STMicroelectronics
VD55G0 STMICROELECTRONICS-VD55G0 Datasheet
2Mb / 3P
Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
10-Mar-2020
VB1940 STMICROELECTRONICS-VB1940 Datasheet
235Kb / 5P
Automotive grade 5.1 megapixel backside illuminated global and rolling shutter sensor for near infrared and visible scenes
21-Jul-2022
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com