Electronic Components Datasheet Search
  English  ▼

X  

NA2FP Datasheet(PDF) 1 Page - Neutrik AG

Part # NA2FP
Description  3 pole XLR female ??Mono 1/4" plug (tip, sleeve contact)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA2FP Datasheet(HTML) 1 Page - Neutrik AG

  NA2FP Datasheet HTML 1Page - Neutrik AG NA2FP Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA2FP
3 pole XLR female – Mono 1/4" plug (tip, sleeve contact)
Wired according to IEC 268-12:
Pin 2: signal
Pin 1 and 3: connected to ground
Features & Benefits
Versatile, pre-wired and ready to use adapters to
reliably interlock various connector systems
•
Professional look and compact space saving design,
based on the X Series (XLR worldwide accepted
standard)
•
Rugged diecast shell for best reliability.
•
NA2FP
1
/2


Similar Part No. - NA2FP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
More results

Similar Description - NA2FP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NCJ5FI-H NEUTRIK-NCJ5FI-H Datasheet
131Kb / 3P
3 pole XLR female receptacle with 1/4" mono jack without switching contact, horizontal PCB mount
NCJ5FI-H-0 NEUTRIK-NCJ5FI-H-0 Datasheet
124Kb / 3P
3 pole XLR female receptacle with 1/4" mono jack without switching contact, horizontal PCB mount, Retention spring
NCJ5FI-S NEUTRIK-NCJ5FI-S Datasheet
206Kb / 3P
3 pole XLR female receptacle with 1/4" mono jack without switching contact, solder cups for wire termination
NCJ5FI-V NEUTRIK-NCJ5FI-V Datasheet
131Kb / 3P
3 pole XLR female receptacle with 1/4" mono jack without switching contact, vertical PCB mount
NA3FJ NEUTRIK-NA3FJ Datasheet
96Kb / 2P
3 pole XLR female - Stereo 1/4" locking jack (tip, ring, sleeve contact)
NA3FP NEUTRIK-NA3FP Datasheet
55Kb / 2P
3 pole XLR female - Stereo 1/4" plug (Tip, Ring, Sleeve contact)
NA3MJ NEUTRIK-NA3MJ Datasheet
116Kb / 2P
3 pole XLR male - stereo 1/4" locking jack (Tip, Ring, Sleeve contact)
NA3MP NEUTRIK-NA3MP Datasheet
54Kb / 2P
3-pole XLR male - stereo 1/4" plug (Tip, Ring, Sleeve contact)
NA2MP NEUTRIK-NA2MP Datasheet
55Kb / 2P
3 pole XLR male ??Mono 1/4" plug (tip, sleeve contact)
NA4MP-J NEUTRIK-NA4MP-J Datasheet
50Kb / 2P
speakON NL4MP - mono locking 1/4" jack (Tip, Sleeve contact)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com