Electronic Components Datasheet Search
  English  ▼

X  

NA2FPMM Datasheet(PDF) 1 Page - Neutrik AG

Part # NA2FPMM
Description  3 pole XLR female ??RCA / phono plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA2FPMM Datasheet(HTML) 1 Page - Neutrik AG

  NA2FPMM Datasheet HTML 1Page - Neutrik AG NA2FPMM Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA2FPMM
3 pole XLR female – RCA / phono plug
Wired according to IEC 268-12:
Pin 2: signal
Pin 1 and 3: connected to ground
Features & Benefits
Versatile, pre-wired and ready to use adapters to
reliably interlock various connector systems
•
Professional look and compact space saving design,
based on the X Series (XLR worldwide accepted
standard)
•
Rugged diecast shell for best reliability.
•
NA2FPMM
1
/2


Similar Part No. - NA2FPMM

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
More results

Similar Description - NA2FPMM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
Neutrik AG
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
3 pole XLR male ??RCA / Phono socket
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
NA3FF NEUTRIK-NA3FF Datasheet
85Kb / 2P
3 pole XLR female - 3 pole XLR female Gender conversion adapter
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
NA2F-D0B-TX NEUTRIK-NA2F-D0B-TX Datasheet
57Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR female - RCA / phono socket, black coded
NA2F-D2B-TX NEUTRIK-NA2F-D2B-TX Datasheet
56Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR female - RCA / phono socket, red coded
NA2M-D0B-TX NEUTRIK-NA2M-D0B-TX Datasheet
57Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR male - RCA / phono socket, black coded
NA2M-D2B-TX NEUTRIK-NA2M-D2B-TX Datasheet
56Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR male - RCA / phono, red coded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com