Electronic Components Datasheet Search
  English  ▼

X  

NA2MP Datasheet(PDF) 2 Page - Neutrik AG

Part # NA2MP
Description  3 pole XLR male ??Mono 1/4" plug (tip, sleeve contact)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA2MP Datasheet(HTML) 2 Page - Neutrik AG

  NA2MP Datasheet HTML 1Page - Neutrik AG NA2MP Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NA2MP
Connection Type
Adapter
Electrical
Contact resistance
≤ 3 mΩ (XLR)
Contact resistance
≤ 6 mΩ
Dielectric strength
1.5 kV dc / > 1 kVdc (XLR/Plug)
Insulation resistance
> 2 GΩ
Mechanical
Wiresize
Wiring
according to IEC 268-12 pin 2 = signal, pin 1 and 3
connected to ground
Locking device
Latch lock
Material
Contact plating
2 µm Ag over 2 µm Ni
Contacts
Brass (CuZn39Pb3) (plug)
Insert
Polyamide (PA 6.6 30 % GR)
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
gal Cu/Ni
Environmental
Temperature range
-20 °C to +65 °C
NA2MP
2
/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com