Electronic Components Datasheet Search
  English  ▼

X  

NA3FF Datasheet(PDF) 1 Page - Neutrik AG

Part # NA3FF
Description  3 pole XLR female - 3 pole XLR female Gender conversion adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA3FF Datasheet(HTML) 1 Page - Neutrik AG

  NA3FF Datasheet HTML 1Page - Neutrik AG NA3FF Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA3FF
3 pole XLR female - 3 pole XLR female
Gender conversion adapter
Features & Benefits
Versatile, pre-wired and ready to use adapters to
reliably interlock various connector systems
•
Professional look and compact space saving design,
based on the XX Series
•
Rugged diecast shell for best reliability
•
NA3FF
1
/2


Similar Part No. - NA3FF

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
More results

Similar Description - NA3FF

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
3 pole XLR male - 3 pole XLR female (extention adapter)
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA3MM-B NEUTRIK-NA3MM-B Datasheet
68Kb / 2P
3 pole XLR male - 3 pole XLR male (gender conversion adapter, black plated)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA5FF-B NEUTRIK-NA5FF-B Datasheet
91Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter, black plating)
NA5MM NEUTRIK-NA5MM Datasheet
67Kb / 2P
5 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA5MM-B NEUTRIK-NA5MM-B Datasheet
83Kb / 2P
5 pole XLR male - 5 pole XLR male (gender conversion adapter, black plating)
NA3F5F NEUTRIK-NA3F5F Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com