Electronic Components Datasheet Search
  English  ▼

X  

YA31A9 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YA31A9
Description  UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA31A9 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YA31A9 Datasheet HTML 1Page - Hubbell Incorporated. YA31A9 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Connector Type
Terminal
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810044674
UPC 12 Digit
7818100446744
Dimensions
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
10
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA31A9
by Burndy
Catalog ID: YA31A9
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE
DESIGNUL Listed 90° C600 Volts to 35 KV.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com