Electronic Components Datasheet Search
  English  ▼

X  

YA31A3 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YA31A3
Description  Aluminum Compression Lug, 2 Hole w/o Inspection Window, 350 kcmil, 1/2" Stud, 1-3/4" Stud Hole Spacing, Tin Plated.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA31A3 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YA31A3 Datasheet HTML 1Page - Hubbell Incorporated. YA31A3 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Aluminum & Copper Conductors
Color Code
Brown
Connector Type
Terminal
Die Index
299
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
TERMINALS, HYLUG
Temperature Rating
194
Trade Name
HYLUG™
Type
YA-E
UPC
781810755808
UPC 12 Digit
7818107558088
Dimensions
Dimension - B Length fraction
1-7/8 in
Dimension - B Length inch
1.85 in
Dimension - Bolt Hole Size inch
0.52 in
Dimension - Bolt Size fraction
1/2
Dimension - D inch
3.11 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - L Length Overall mm
154 mm
Dimension - Length Overall inch
6.07 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.11 in
Dimension - Pad Width inch
1.52 in
Dimension - Strip Length inch
2 1/8
Dimension - Stud Size inch
1/2
Dimension - Thread Size
1/2
Dimension - Z inch
0.73 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
350 kcmil
Conductor - AL Str Size Range
350 kcmil
Conductor - Copper Str Size
350 kcmil
Conductor - Copper Str Size Range
350 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA31A3
by Burndy
Catalog ID: YA31A3
Prop 65 Notice
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 350 kcmil,
1/2" Stud, 1-3/4" Stud Hole Spacing, Tin Plated.
UL Listed 90 DEG C, 600 V - 35 KV,Tongue Angle: Straight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com