Electronic Components Datasheet Search
  English  ▼

X  

DD160KB Datasheet(PDF) 1 Page - SanRex Corporation

Part # DD160KB
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD160KB Datasheet(HTML) 1 Page - SanRex Corporation

  DD160KB Datasheet HTML 1Page - SanRex Corporation DD160KB Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD160KB
DIODE MODULE
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DD160KB40
400
480
DD160KB80
800
960
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
DD160KB120
1200
1300
DD160KB160
1600
1700
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
℃ conduction, Tc=90℃
160
IF(RMS)
IFSM
R.M.S. Forward Current
Surge Forward Current
Single phase, half wave, 180
℃ conduction, Tc=90℃
1
/2cycle, 60HZ, peak value, non-repetitive
250
3200
A
A
I2t
I2t
Value for one cycle of surge current
42600
A2S
Tj
Operating Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting
Torque
A.C. 1minute
2500
V
Mounting
(M6)
Terminal
(M5)
Mass
Recommended Value 2.5-3.9
(25-40)
Recommended Value 1.5-2.5
(15-25)
4.7
(48)
2.7
(28)
N
・m
(㎏f・B)
g
Typical Value
170
93.5max
80
32
1
2-φ6.5
3-M5
23
23
16.5
Unit
:㎜
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
Tj
=150℃,VR=VRRM
Ratings
30
1.35
0.30
Unit
mA
VFM
Forward Voltage Drop, max.
Forward current 500A, Inst measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
Power Diode Module DD160KB Series are designed for various rectifier circuits.
DD160KB has two diode chips connected in series and the mounting base is electrically
isolated from elements for simple heatsink construction. Wide voltage rating up to,
1600V is available for various input voltages.
●
Isolated mounting base
●
Two elements in a package for simple (single and three phase) bridge
connections
●
Highly reliable glass passivated chips
●
High surge current capability
(Applications)
● Various rectifiers, Battery chargers, DC motor drives
UL;E76102
(M)
SanRex
®


Similar Part No. - DD160KB

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD160KB SANREX-DD160KB Datasheet
99Kb / 2P
DIODE MODULE
logo
Inchange Semiconductor ...
DD160KB160 ISC-DD160KB160 Datasheet
310Kb / 2P
Diode Module
DD160KB160 ISC-DD160KB160_V01 Datasheet
310Kb / 2P
Diode Module
More results

Similar Description - DD160KB

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com