Electronic Components Datasheet Search
  English  ▼

X  

DF50BA40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF50BA40
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF50BA40 Datasheet(HTML) 1 Page - SanRex Corporation

  DF50BA40 Datasheet HTML 1Page - SanRex Corporation DF50BA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF50BA40/80
DIODE(THREE PHASES BRIDGE TYPE)
Power Diode Module DF50BA is designed for three phase full wave rectification, which
has six diodes connected in a three phase bridge configuration. The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction Output DC current is 50Amp
(Tc=114℃) Repetitive peak reverse voltage
is up to 800V.
●
TjMax
=150℃
●
Isolated mounting base
●
High reliability by unique glass passivation
(Applications)
AC, DC Motor Drive/AVR/Switching
-for three phase rectification
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DF50BA40
400
480
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
DF50BA80
800
960
V
V
Symbol
Item
Output Current
(D.C.)
Conditions
Ratings
Unit
A
ID
Three phass full wave. TC
:114℃
50
IFSM
Surge Forward Current
1cycle, 50/60HZ, peak value, non-repetitive
640/700
A
I2t
I2t
Value for one cycle of surge current
2000
A2S
Tj
Operating Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting
Torque
A.C. 1 minute
2500
V
Monting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5
-2.5(15-25)
Recommended Value 1.5
-2.5(15-25)
2.7
(28)
2.7
(28)
N
・m
(㎏f・B)
g
Typical Value
160
82±0.5
66±0.3
20±0.1
4±0.2
10±0.3
12±0.3
12±0.3
10±0.3
5-M5
30±0.1
φ5
.5
±0
.2
10±0.3
4±0.2
20±0.1
NAME PLATE
Unit
:㎜
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current
Conditions
Tj
=150℃ at VRRM
Unit
mA
VFM
Forward Voltage Drop
Tj
=25℃,IFM=50A, Inst measurement
V
Rth
(j-c) Thermal Impedance
Junction to case
℃/W
Ratings
Min.
Typ.
Max.
4.0
1.2
0.3
2∼
1∼
3∼
+4
−5
UL;E76102
(M)
SanRex
®


Similar Part No. - DF50BA40

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF50-20DP-1H HIROSE-DF50-20DP-1H Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF50-20DP-1H(**) HIROSE-DF50-20DP-1H(**) Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
809Kb / 12P
1 mm Pitch, WtoB, Positive Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
More results

Similar Description - DF50BA40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF20AA120 SANREX-DF20AA120 Datasheet
266Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120 SANREX-DF100AA120 Datasheet
268Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50AA120 SANREX-DF50AA120 Datasheet
236Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF75BA40 SANREX-DF75BA40 Datasheet
113Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75LA80 SANREX-DF75LA80 Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com