Electronic Components Datasheet Search
  English  ▼

X  

YA39AM245 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YA39AM245
Description  Uninsulated Al Compression Terminal, 2 Holes, 700/750 kcmil, 900 compact Al, 1/2" Stud, 45 Deg Bent
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA39AM245 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YA39AM245 Datasheet HTML 1Page - Hubbell Incorporated. YA39AM245 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Connector Type
Terminal
Die Index
301
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810170786
UPC 12 Digit
7818101707866
Dimensions
Dimension - B Length fraction
2-3/8 in
Dimension - B Length inch
2.38 in
Dimension - D inch
3.03 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - Inside Diameter inch
1.03 in
Dimension - L Length Overall mm
179 mm
Dimension - Length Overall inch
7.05 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.60 in
Dimension - Pad Width inch
1.69 in
Dimension - Z inch
0.65 in
Physical Attribute - Tongue Angle
45 Degree
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
700 kcmil;715 kcmil;750 kcmil
Conductor - AL Str Size Range
700 kcmil-750 kcmil
Conductor - Copper Str Size
700 kcmil;750 kcmil
Conductor - Copper Str Size Range
700 kcmil-750 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA39AM245
by Burndy
Catalog ID: YA39AM245
Uninsulated Al Compression Terminal, 2 Holes, 700/750 kcmil, 900
compact Al, 1/2" Stud, 45 Deg Bent


Similar Part No. - YA39AM245

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA39AM2 HUBBELL-YA39AM2 Datasheet
262Kb / 2P
Uninsul Al Comp Terminal, 2 Hole NEMA, 700-750 kcmil(Al/Cu), 900 kcmil Compt AL, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Red, 301 Index
More results

Similar Description - YA39AM245

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA25A7DT HUBBELL-BURNDY_YA25A7DT Datasheet
277Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 1/0 AWG Al/Cu, 600V - 35kV, 1/2" Stud
BURNDY_YA42A5 HUBBELL-BURNDY_YA42A5 Datasheet
258Kb / 2P
Al Tube Hylug, 2 Holes, 900 KCMIL Al, 1/2 IN Stud, 7.09 IN L, Gray, 303 Index.
BURNDY_YA39AM3DT HUBBELL-BURNDY_YA39AM3DT Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA39AM3 HUBBELL-BURNDY_YA39AM3 Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA39AM2 HUBBELL-BURNDY_YA39AM2 Datasheet
262Kb / 2P
Uninsul Al Comp Terminal, 2 Hole NEMA, 700-750 kcmil(Al/Cu), 900 kcmil Compt AL, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Red, 301 Index
BURNDY_YA39A13 HUBBELL-BURNDY_YA39A13 Datasheet
261Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil, 600 kcmil CCA DLO(925/22) Al, 600V - 35kV, 1/2" Stud.
BURNDY_YA39A5N131TD12E HUBBELL-BURNDY_YA39A5N131TD12E Datasheet
272Kb / 1P
Cu & Al Compression terminal, 2 Holes/W/insp W, 500-900 kcmil Al 500 kcmil for Cu only, 600V-35Kv, 1/2" stud, Pink, 300 Index , Narrow tongue terminal.
BURNDY_YA39A2NG4 HUBBELL-BURNDY_YA39A2NG4 Datasheet
260Kb / 2P
Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 1/2" Stud
BURNDY_YA34A5NT119 HUBBELL-BURNDY_YA34A5NT119 Datasheet
261Kb / 2P
Al Tube Uninsulated Compression Terminal, Narrow Tongue, 2 Holes, 500 kcmil Cu/Al, 3/8" Stud, 1.19" Tongue Width
BURNDY_YA34A3NT119 HUBBELL-BURNDY_YA34A3NT119 Datasheet
260Kb / 2P
Al Tube Uninsulated Compression Terminal, Narrow Tongue, 2 Holes, 500 kcmil Cu/Al, 1/2" Stud, 1.19" Tongue Width
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com