Electronic Components Datasheet Search
  English  ▼

X  

YA39A3 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YA39A3
Description  Aluminum Compression Lug, 1 Hole w/o Inspection Window, 700/750 kcmil, 5/8" Stud, Al/Cu Rated, Tin Plated.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA39A3 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YA39A3 Datasheet HTML 1Page - Hubbell Incorporated. YA39A3 Datasheet HTML 2Page - Hubbell Incorporated. YA39A3 Datasheet HTML 3Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Details
General
Application
For Aluminum And Copper Conductors
Color Code
Yellow
Connector Type
Terminal
Die Index
936
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
HYLUG
Temperature Rating
194
Trade Name
HYLUG™
Type
YA-A, Dual Rated
UPC
781810752067
UPC 12 Digit
7818107520677
Dimensions
Dimension - B Length fraction
2-7/16 in
Dimension - B Length inch
2.46 in
Dimension - Bolt Hole Size inch
0.66 in
Dimension - Bolt Size fraction
5/8
Dimension - D inch
1.88 in
Dimension - Hole Size inch
0.69 in
Dimension - Hole Size mm
18 mm
Dimension - L Length Overall mm
147 mm
Dimension - Length Overall inch
5.80 in
Dimension - N inch
0.88 in
Dimension - Outside Diameter inch
1.46 in
Dimension - Pad Width inch
2.05 in
Dimension - Strip Length inch
2 7/8
Dimension - Stud Size inch
5/8
Dimension - Thread Size
5/8 in
Dimension - Z inch
1.00 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
700 kcmil;715 kcmil;750 kcmil
Conductor - AL Str Size Range
700 kcmil-750 kcmil
Conductor - Copper Str Size
700-750 Kcmil
Conductor - Copper Str Size Range
700-750 Kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA39A3
by Burndy
Catalog ID: YA39A3
Prop 65 Notice
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 700/750
kcmil, 5/8" Stud, Al/Cu Rated, Tin Plated.
Features: Type YA-A Aluminum Tin-Plated Compression HYLUG
Terminals Are Dual-Rated And Designed For Use On Both Aluminum And
Copper Conductors From #12 Solid Through 2000 KCMIL, They Are
Designed For Heavy Duty Applications To 35 KV, YA-A Terminals Are
Prefilled With PENETROX, And Assembled With Color-Coded End Caps,
Available With One, Two, And Four-Hole NEMA Tongues, The Aluminum
HYLUG Terminals Are Designed For A Permanent Trouble-Free Electrical
Termination, Manufactured From High Conductivity, Wrought Aluminum
With Heavy Duty Wall Thickness: Provides Maximum Conductivity, Low
Resistance And Ductility For An Excellent Combination Of Electrical And
Crimp Forming Properties, Electro-Tin Plated: Provides Durable Long
Lasting Corrosion Resistance, Internally Bevelled Barrel: Provides Easy
Cable Insertion, Meets UL486B 90 DEG C Requirements: Provides A
Quality Electrical Dual Connection, Connector Is Clearly Marked With
Wire Size, Die Index, Color-Code And The Proper Number And Location
Of Crimps: Provides Easy Identification And Tooling Recommendation For
A Proper Compression Which Forms A Homogeneous Mass Resulting In
An Excellent Electrical Connection, Factory Prefilled With PENETROX
Oxide Inhibiting Compound: Oxide Inhibiting Compound Contains
Homogeneously Suspended Metallic Particles To Penetrate The Wires
Oxides, Establish Electrical Continuity And Forms An Airtight
Connection, Color-Coded End Caps Inserted In Barrel End: Prevents
Foreign Materials From Entering And Contaminating The Connector Prior
To Usage Plus Identifies The Proper Color-Coded Die For A Reliable
Connection, UL Listed 90 DEG C, 600 V - 35 KV, Finish: Electro-Tin
Plated, Wire Strip Length: 2-7/8 IN, Temperature Rating: 90 DEG C, Color
Code: Yellow, Tools, Die Set Catalog Number, And (number Of Crimps):
Y35, Y39, Y750 Tool, U39ART-2 Die, (4), Y46 Tool, U39ART-2 Die With
PUADP-1 Adapter, (4), Dieless Tools (number Of Crimps): Hydraulic
HYPRESS: Y644HS Tool, (1), Y81KFT, Y81KFTMBH, PAT81KFT-18V Tool, (4),
Die Index: 936



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com