Electronic Components Datasheet Search
  English  ▼

X  

YA36A8 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YA36A8
Description  UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA36A8 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YA36A8 Datasheet HTML 1Page - Hubbell Incorporated. YA36A8 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Color Code
Black
Connector Type
Terminal
Die Index
473
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810129555
UPC 12 Digit
7818101295555
Dimensions
Dimension - B Length fraction
2-1/2 in
Dimension - B Length inch
2.47 in
Dimension - Bolt Hole Size inch
0.39 in
Dimension - Bolt Size fraction
3/8
Dimension - D inch
1.69 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - L Length Overall mm
143 mm
Dimension - Length Overall inch
5.64 in
Dimension - N inch
0.69 in
Dimension - Outside Diameter inch
1.44 in
Dimension - Pad Width inch
1.97 in
Dimension - Thread Size
3/8
Dimension - Z inch
1.00 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
600 kcmil
Conductor - AL Str Size Range
600 kcmil
Conductor - Copper Str Size
600 kcmil
Conductor - Copper Str Size Range
600 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
2
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA36A8
by Burndy
Catalog ID: YA36A8
Prop 65 Notice
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE
DESIGNUL Listed 90° C600 Volts to 35 KV.


Similar Part No. - YA36A8

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA36A1 HUBBELL-YA36A1 Datasheet
266Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 600 kcmil, 5/8" Stud, Al/Cu Rated, Tin Plated.
YA36A17 HUBBELL-YA36A17 Datasheet
255Kb / 1P
WIRE: 600kcmil AL9CU, STUD: 1/2"COLOR: BLACK STRIP LNG: 2 7/8".
YA36A3 HUBBELL-YA36A3 Datasheet
263Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 600 kcmil, 1/2" Stud, 1-3/4" Stud Hole Spacing, Al/Cu Rated, Tin Plated.
YA36A3N131TD12E HUBBELL-YA36A3N131TD12E Datasheet
272Kb / 1P
Cu & Al Compression terminal, 2 Holes/W/insp W, 250-600 kcmil, 600V- 35Kv, 1/2" stud, Pink, 300 Index , Narrow tongue terminal.
YA36A5 HUBBELL-YA36A5 Datasheet
264Kb / 3P
Aluminium Compression Terminal, 2 Pad Holes, 600 kcmil Class B Cu, 600 kcmil Class B,C Al., 3/8 IN Stud, 473 Index, Wire Strip Length: 2-7/8 IN.
More results

Similar Description - YA36A8

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA1CA9 HUBBELL-BURNDY_YA1CA9 Datasheet
284Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA31A12 HUBBELL-BURNDY_YA31A12 Datasheet
262Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA29A9 HUBBELL-BURNDY_YA29A9 Datasheet
258Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA29A6 HUBBELL-BURNDY_YA29A6 Datasheet
259Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA27A7 HUBBELL-BURNDY_YA27A7 Datasheet
261Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA34A390 HUBBELL-BURNDY_YA34A390 Datasheet
260Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA4CA8DT HUBBELL-BURNDY_YA4CA8DT Datasheet
260Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA44A3DT HUBBELL-BURNDY_YA44A3DT Datasheet
259Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
YA1CAG13 HUBBELL-YA1CAG13 Datasheet
259Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
YA1CA9DT HUBBELL-YA1CA9DT Datasheet
261Kb / 2P
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com