Electronic Components Datasheet Search
  English  ▼

X  

APT30D40B Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # APT30D40B
Description  30Amperes,400Volts Single Ultra Fast Recovery Epitaxial Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

APT30D40B Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  APT30D40B Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. APT30D40B Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. APT30D40B Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. APT30D40B Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. APT30D40B Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TO-247-2L/TO-247-2PIN
Pb Free Plating Product
APT30D40B
30Amperes,400Volts Single Ultra Fast Recovery Epitaxial Diode
Pb
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
APT30D40B using the lastest FRED FAB process(planar passivation pellet) with ultrafast and soft recovery characteristics.
APT30D40B
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/5
Rev.10T
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
1.3
1.5
1.6
1.2
250
500
60
Characteristic / Test Conditions
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 30A
I
F = 60A
I
F = 30A, TJ = 125°C
V
R = VR Rated
V
R = VR Rated, TJ = 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 141°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
T
J,TSTG
T
L
UNIT
Volts
Amps
°C
APT30D40B
400
30
73
320
-55 to 175
300


Similar Part No. - APT30D40B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D40B ADPOW-APT30D40B Datasheet
56Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D40B ADPOW-APT30D40B Datasheet
131Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
APT30D40B ISC-APT30D40B Datasheet
283Kb / 2P
Ultrafast Rectifier
logo
Advanced Power Technolo...
APT30D40BCT ADPOW-APT30D40BCT Datasheet
59Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D40BCT ADPOW-APT30D40BCT Datasheet
124Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT30D40B

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
S30K60T THINKISEMI-S30K60T Datasheet
1Mb / 3P
30Amperes,600Volts Single Fast Recovery Epitaxial Diode
30EPH03 THINKISEMI-30EPH03 Datasheet
2Mb / 3P
30Amperes,300Volts Single Ultra Fast Recovery Epitaxial Diode
FMXS-1206S THINKISEMI-FMXS-1206S Datasheet
3Mb / 3P
30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
XS1206 THINKISEMI-XS1206 Datasheet
3Mb / 3P
30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
F30U60S THINKISEMI-F30U60S_V01 Datasheet
3Mb / 3P
30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
F30UA60S THINKISEMI-F30UA60S_V01 Datasheet
3Mb / 3P
30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
FFPF30UA60S THINKISEMI-FFPF30UA60S Datasheet
3Mb / 3P
30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
APT30D20B THINKISEMI-APT30D20B Datasheet
2Mb / 5P
30Amperes,200Volts Single Ultra Fast Recovery Epitaxial Diode
APT30D60B THINKISEMI-APT30D60B Datasheet
2Mb / 5P
30Amperes,600Volts Single Ultra Fast Recovery Epitaxial Diode
APT60D40B THINKISEMI-APT60D40B Datasheet
2Mb / 5P
60Amperes,400Volts Single Ultra Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com