Electronic Components Datasheet Search
  English  ▼

X  

YF0118UI Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YF0118UI
Description  Copper Alloy Ferrule, 1 AWG, .709 IN L, .520 IN W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YF0118UI Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YF0118UI Datasheet HTML 1Page - Hubbell Incorporated. YF0118UI Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Material
Copper
Plated
N
Plating Type
Unplated
Type
Bootlace Ferrule
UPC
781810479797
UPC 12 Digit
7818104797977
Dimensions
Dimension - D inch
0.43 in
Dimension - D1 inch
0.41 in
Dimension - D2 inch
0.51 in
Dimension - Length Side A inch
0.71 in
Length
0.709 in
Width
0.52 in
Conductor Related
Conductor - Copper Solid Size
1 AWG
Conductor - Copper Str Size
1 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
50
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF0118UI
by Burndy
Catalog ID: YF0118UI
Prop 65 Notice
Copper Alloy Ferrule, 1 AWG, .709 IN L, .520 IN W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com