Electronic Components Datasheet Search
  English  ▼

X  

AD7791 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7791
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7791 Datasheet(HTML) 4 Page - Analog Devices

  AD7791 Datasheet HTML 1Page - Analog Devices AD7791 Datasheet HTML 2Page - Analog Devices AD7791 Datasheet HTML 3Page - Analog Devices AD7791 Datasheet HTML 4Page - Analog Devices AD7791 Datasheet HTML 5Page - Analog Devices AD7791 Datasheet HTML 6Page - Analog Devices AD7791 Datasheet HTML 7Page - Analog Devices AD7791 Datasheet HTML 8Page - Analog Devices AD7791 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7791
Rev. 0 | Page 4 of 20
SPECIFICATIONS (continued)1
Parameter
AD7791B
Unit
Test Conditions/Comments
REFERENCE INPUT (continued)
Normal Mode Rejection2
@ 50 Hz, 60 Hz
65
dB min
73 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[2:0] = 1004
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[2:0] = 1014
@ 60 Hz
80
dB min
90 dB typ, 60 ± 1 Hz, FS[2:0] = 0114
Common Mode Rejection
AIN = 1 V
@ DC
100
dB typ
FS[2:0] = 1004
@ 50 Hz, 60 Hz
110
dB typ
50 ± 1 Hz (FS[2:0] = 1014), 60 ± 1 Hz (FS[2:0] = 0114)
LOGIC INPUTS
All Inputs Except SCLK2
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2.0
V min
VDD = 3 V or 5 V
SCLK Only (Schmitt-Triggered Input)2
VT(+)
1.4/2
V min/V max
VDD = 5 V
VT(–)
0.8/1.4
V min/V max
VDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
VDD = 5 V
VT(+)
0.9/2
V min/V max
VDD = 3 V
VT(–)
0.4/1.1
V min/V max
VDD = 3 V
VT(+) - VT(–)
0.3/0.85
V min/V max
VDD = 3 V
Input Currents
±1
µA max
VIN = VDD or GND
Input Capacitance
10
pF typ
All Digital Inputs
LOGIC OUTPUTS
VOH, Output High Voltage2
VDD – 0.6
V min
VDD = 3 V, ISOURCE = 100 µA
VOL, Output Low Voltage2
0.4
V max
VDD = 3 V, ISINK = 100 µA
VOH, Output High Voltage2
4
V min
VDD = 5 V, ISOURCE = 200 µA
VOL, Output Low Voltage2
0.4
V max
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset Binary
POWER REQUIREMENTS5
Power Supply Voltage
VDD – GND
2.5/5.25
V min/max
Power Supply Currents
IDD Current6
75
µA max
65 µA typ, VDD = 3.6 V, Unbuffered Mode
145
µA max
130 µA typ, VDD = 3.6 V, Buffered Mode
80
µA max
73 µA typ, VDD = 5.25 V, Unbuffered Mode
160
µA max
145 µA typ, VDD = 5.25 V, Buffered Mode
IDD (Power-Down Mode)
1
µA max
5 Digital inputs equal to VDD or GND.
6 The current consumption can be further reduced by using the ADC in one of the low power modes (see Table 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com