Electronic Components Datasheet Search
  English  ▼

X  

323206 Datasheet(PDF) 1 Page - Adels-Contact

Part # 323206
Description  GSK 805/ 6 SCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

323206 Datasheet(HTML) 1 Page - Adels-Contact

  323206 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 805/ 6 SCH
Terminal Block Vertical, Pin Spacing: 5.0 mm, 6 pole, Insulating
Material: PA 6.6, Voltage Rating: 380 V, Current Rating: 20 A, Cross-
Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
323206
Applications
Electrical Appliances, Electronics
PU
100
EAN
4028012109296
Type
Type
Terminal Block Vertical
Number of poles
6 pole
Clamping Units per Pole
1
Colour
grey
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
380 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
4.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
12.0-12.5 mm
Assembly Contact Screw
1.0x5.5 / 0.8 Nm
Pin Spacing
5.0 mm


Similar Part No. - 323206

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3232011 PHOENIX-3232011 Datasheet
143Kb / 14P
Feed-through terminal block - UDK 4-DUR 249 P/P
logo
Adels-Contact
323202 ADELS-323202 Datasheet
118Kb / 1P
GSK 805/ 2 SCH
323203 ADELS-323203 Datasheet
118Kb / 1P
GSK 805/ 3 SCH
323204 ADELS-323204 Datasheet
119Kb / 1P
GSK 805/ 4 SCH
323205 ADELS-323205 Datasheet
121Kb / 1P
GSK 805/ 5 SCH
More results

Similar Description - 323206

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
323202 ADELS-323202 Datasheet
118Kb / 1P
GSK 805/ 2 SCH
323203 ADELS-323203 Datasheet
118Kb / 1P
GSK 805/ 3 SCH
323204 ADELS-323204 Datasheet
119Kb / 1P
GSK 805/ 4 SCH
323205 ADELS-323205 Datasheet
121Kb / 1P
GSK 805/ 5 SCH
323207 ADELS-323207 Datasheet
120Kb / 1P
GSK 805/ 7 SCH
323208 ADELS-323208 Datasheet
118Kb / 1P
GSK 805/ 8 SCH
323209 ADELS-323209 Datasheet
122Kb / 1P
GSK 805/ 9 SCH
323210 ADELS-323210 Datasheet
119Kb / 1P
GSK 805/10 SCH
323211 ADELS-323211 Datasheet
120Kb / 1P
GSK 805/11 SCH
323212 ADELS-323212 Datasheet
120Kb / 1P
GSK 805/12 SCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com