Electronic Components Datasheet Search
  English  ▼

X  

SST202 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SST202
Description  N-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST202 Datasheet(HTML) 2 Page - Vishay Siliconix

  SST202 Datasheet HTML 1Page - Vishay Siliconix SST202 Datasheet HTML 2Page - Vishay Siliconix SST202 Datasheet HTML 3Page - Vishay Siliconix SST202 Datasheet HTML 4Page - Vishay Siliconix SST202 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J/SST201 Series
Vishay Siliconix
www.vishay.com
2
Document Number: 70233
S-40393—Rev. G, 15-Mar-04
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
−40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300_C
. . . . . . . . . . . . . . . . . . .
Storage Temperature
−55 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
−55 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a. Derate 2.8 mW/_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST201
J/SST202
J/SST204c
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = −1 mA , VDS = 0 V
−40
−40
−25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 15 V, ID = 10 nA
−0.3
−1.5
−0.8
−4
−0.3
−2
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
0.2
1
0.9
4.5
0.2
3
mA
Gate Reverse Current
IGSS
VGS = −20 V, VDS = 0 V
−2
−100
−100
−100
pA
Gate Reverse Current
IGSS
TA = 125_C
−1
nA
Gate Operating Current
IG
VDG = 10 V, ID = 0.1 mA
−2
pA
Drain Cutoff Current
ID(off)
VDS = 15 V, VGS = −5 V
2
pA
Gate-Source Forward Voltage
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 15 V, VGS = 0 V
f = 1 kHz
0.5
1
0.5
mS
Common-Source
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V
4.5
pF
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V
f = 1 MHz
1.3
pF
Equivalent Input Noise Voltage
en
VDS = 10 V, VGS = 0 V
f = 1 kHz
6
nV⁄
√Hz
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NPA, NH
b.
Pulse test: PW v300 ms duty cycle v3%.
c.
See 2N/SST5484 Series for J204 and SST204 typical characteristic curves.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com